công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CONSMP001-1 bảng dữ liệu(PDF) 2 Page - Linx Technologies

tên linh kiện CONSMP001-1
Giải thích chi tiết về linh kiện  SMP Plug PCB Through-Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINX [Linx Technologies]
Trang chủ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMP001-1 bảng dữ liệu(HTML) 2 Page - Linx Technologies

  CONSMP001-1 Datasheet HTML 1Page - Linx Technologies CONSMP001-1 Datasheet HTML 2Page - Linx Technologies CONSMP001-1 Datasheet HTML 3Page - Linx Technologies CONSMP001-1 Datasheet HTML 4Page - Linx Technologies CONSMP001-1 Datasheet HTML 5Page - Linx Technologies CONSMP001-1 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONSMP001-1
Product Dimensions
PART NO.
TITLE
DRAWN NO.
SMP PLUG FULL DETENT
PC MOUNT
10912015
10912015A
NOTE:
1.Impedance: 50Ω
2.Frequency Range: DC 0-18 GHz
3.Dielectric Withstanding Voltage:335Vrms min.
4.Contact Resistance: Center Contacts: 6.0 mΩ Max
Outer Contacts: 3.0 mΩ Max
5.Interface in Accordance With: MIL-STD-348B
6.Operating Temperature Range: -65°~165°C
7.Durability:100 Cycles Min
8.ROHS Compliance.
DWG NO:CONSMP001-1
NO.
DESCRIPTION
MATERIAL
FINISH
Q'TY
DRAWN NO.
1
2
3
INSULATOR
PTFE
NONE
BODY
GOLD
CENTER CONTACT
Be Cu
1
1
1
BRASS
10912015C
1
10912015E
10912015D
10912015B
4 BASE
STAINLESS
PASSIVATION
GOLD
Ø5.5 mm
(0.22 in)
7.5 mm
(0.30 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
4x Ø0.7 mm
(0.03 in)
Ø0.7 mm
(0.03 in)
4x Ø1.1 mm
(0.04 in)
Ø0.81 mm
(0.03 in)
4x Ø0.96 mm
(0.04 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
15 °C
≡
± Ø = ≠ ≈ < > ≥ ≤
Σ ∩ ∞ ßµπ Θ Φ α ε
¢£
®©™
√∆
… ∙ • - – — ◊
† note 1
‡ note 2
¦ ●◦•
^~±≤≥
µ∂Ω
æø
√∆
□
Figure 1. Product Dimensions for the CONSMP001-1 Connector
Table 2. Connector Components
Connector Part
Material
Finish
Connector Body
Stainless Steel
Passivated
Base
Brass
Gold
Center Contact (male pin)
Beryllium Copper
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the connectors recommended PCB footprint and through-hole sizes.
PART NO.
TITLE
DRAWN NO.
SMP PLUG FULL DETENT
PC MOUNT
10912015
10912015A
NOTE:
1.Impedance: 50Ω
2.Frequency Range: DC 0-18 GHz
3.Dielectric Withstanding Voltage:335Vrms min.
4.Contact Resistance: Center Contacts: 6.0 mΩ Max
Outer Contacts: 3.0 mΩ Max
5.Interface in Accordance With: MIL-STD-348B
6.Operating Temperature Range: -65°~165°C
7.Durability:100 Cycles Min
8.ROHS Compliance.
DWG NO:CONSMP001-1
NO.
DESCRIPTION
MATERIAL
FINISH
Q'TY
DRAWN NO.
1
2
3
INSULATOR
PTFE
NONE
BODY
GOLD
CENTER CONTACT
Be Cu
1
1
1
BRASS
10912015C
1
10912015E
10912015D
10912015B
4 BASE
STAINLESS
PASSIVATION
GOLD
Ø5.5 mm
(0.22 in)
7.5 mm
(0.30 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
4x Ø0.7 mm
(0.03 in)
Ø0.7 mm
(0.03 in)
4x Ø1.1 mm
(0.04 in)
Ø0.81 mm
(0.03 in)
4x Ø0.96 mm
(0.04 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
2.54 mm
(0.10 in)
15 °C
≡
± Ø = ≠ ≈ < > ≥ ≤
Σ ∩ ∞ ßµπ Θ Φ α ε
¢£
®©™
√∆
… ∙ • - – — ◊
† note 1
‡ note 2
¦ ●◦•
^~±≤≥
µ∂Ω
æø
√∆
□
Figure 2. Recommended PCB Dimensions for the CONSMP001-1



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com