công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLMD321H09L bảng dữ liệu(PDF) 3 Page - IXYS Corporation

tên linh kiện SLMD321H09L
Giải thích chi tiết về linh kiện  High Efficiency SolarMD Monocrystalline silicon technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD321H09L bảng dữ liệu(HTML) 3 Page - IXYS Corporation

  SLMD321H09L Datasheet HTML 1Page - IXYS Corporation SLMD321H09L Datasheet HTML 2Page - IXYS Corporation SLMD321H09L Datasheet HTML 3Page - IXYS Corporation SLMD321H09L Datasheet HTML 4Page - IXYS Corporation SLMD321H09L Datasheet HTML 5Page - IXYS Corporation SLMD321H09L Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
3
IXYS Corporation
A-dong #1106, Uspace 1, 660 Daewangpangyo-ro,
1590 Buckeye Drive, Milpitas,
Bundang-gu, Seongnam-si, Gyeonggi-Do (Korea)
CA 95035-7418, United States
Phone +82-70-7113-0300, Fax +82-70-7113-0301
Rev. Aug. 2017
Phone (408) 457-9000, Fax 408-496-0670
Package front-side and back-side view.
Front-side View
Back-side View
Moisture Sensitivity, Soldering and Washing Information
IXYS has characterized the moisture reflow sensitivity of the film laminated SolarMD. Moisture uptake from atmospheric humidity
occurs by diffusion. During the soldering process to the electrode, the combination of moisture uptake and high temperature soldering
may lead to moisture induced delamination and cracking of the component. To prevent this, this component must be handled with care
in soldering. The film laminated SolarMD is not recommended for high temperature surface mount soldering reflow. SolarMD is
encapsulated by the lamination with EVA and polymer film and thus excessively high temperatures soldering reflow is prohibited.
Manual soldering is recommended with under 260
°C for 2 sec. IXYS does not recommend the use of chlorinated solvents for washing.



Html Pages

1 2 3 4 5 6