công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6672 bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products

tên linh kiện MAX6672
Giải thích chi tiết về linh kiện  PWM Output Temperature Sensors in SC70 Packages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6672 bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products

  MAX6672_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6672_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
Detailed Description
The MAX6672/MAX6673 are low-current (60µA, typ),
local temperature sensors ideal for interfacing with µCs
or µPs. The MAX6672/MAX6673 convert their own
temperature into a ratiometric PWM output. The square-
wave output waveform time ratio contains the
temperature information. The output is a square wave
with a nominal frequency of 1.4kHz at +25°C. The tem-
perature is obtained with the following formula:
Temperature (°C) = -200 x (0.85 - t1 / t2)3
+ (425 x t1 / t2) - 273
Where t1 is a fixed value and t2 is modulated with the
temperature. Table 1 lists time ratio vs. temperature.
For temperatures greater than +50°C, the temperature
error is primarily first order and the following equation
can be used:
Temperature (°C) = (425 x t1 / t2) - 273
The MAX6673 has a push-pull output. The rise and fall
times of the MAX6673 output are negligible with
respect to the period; therefore, errors caused by
capacitive loading are minimized.
The output load capacitance should be minimized in
MAX6672 applications because the sourcing current is
set by the pullup resistor. If the output capacitance
becomes too large, unequal rise and fall times distort
the pulse width, thus delivering inaccurate readings.
Applications Information
Pulse-Width Modulation
Interfacing with a µC
The Typical Application Circuit shows the MAX6672/
MAX6673 interfaced with a µC. In this example, the
MAX6672/MAX6673 convert the ambient temperature
to a PWM waveform. The µC reads the temperature by
measuring the t1 and t2 periods in software and hard-
ware. The only timing requirements are that the clock
frequency used for timing measurements is stable and
PIN
NAME
FUNCTION
1
DOUT
Digital Output Pin. PWM output, open-drain output (MAX6672), or push-pull output (MAX6673).
2
N.C.
No Connection. Not internally connected.
3, 4
GND
Pin 3 and Pin 4 must be tied together and connected to ground.
5
VCC
Positive Supply. Bypass with a 0.1µF capacitor to GND.
0
1.0
0.5
2.0
1.5
2.5
3.0
-50
0
-25
25
50
75
100 125
MAX6673 OUTPUT SOURCE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VOH = VCC - 0.5V
VCC = 3.3V
VCC = 5V
0
10
5
20
15
25
30
-50
0
-25
25
50
75
100 125
OUTPUT SINK CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VOL = 0.4V
VCC = 3.3V
VCC = 5V
0
8
4
12
16
20
THERMAL RESPONSE
IN STIRRED OIL BATH
TIME (s)
25
50
75
100
TRANSITION FROM +25
°C AIR
TO +100
°C STIRRED OIL BATH
www.maximintegrated.com
Maxim Integrated │ 4
MAX6672/MAX6673
PWM Output Temperature Sensors
in SC70 Packages
Pin Description
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com