công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6666AUT+T bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX6666AUT+T
Giải thích chi tiết về linh kiện  High-Accuracy PWM Output Temperature Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6666AUT+T bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX6666AUT+T Datasheet HTML 1Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6666AUT+T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The MAX6666/MAX6667 are high-accuracy, low-cost, low
current (200µA typ) temperature sensors ideal for inter-
facing with µCs or µPs. The MAX6666/MAX6667 convert
the ambient temperature into a ratiometric PWM output at
a nominal frequency of 35Hz (±20%) at +25°C.
The time periods, t1 (high) and t2 (low) (Figure 1), are
easily read by the µP’s timer/counter port. To calculate the
temperature, use the expression below:
Temperature (°C) = +235 - (400 x t1)/t2
The µC or µP measures the output of the MAX6666/
MAX6667 by counting t1 and t2 and computing the tem-
perature based on their ratio. The resolution of the count
is a function of the processor clock frequency and the
resolution of the counter. The MAX6666/MAX6667 have a
resolution of approximately 11 bits. Always use the same
clock for t1 and t2 counters so that the temperature is
strictly based on a ratio of the two times, thus eliminating
errors due to different clocks’ frequencies.
The MAX6666 (Figure 2a) has a push-pull output and
provides rail-to-rail output drive. The ability to source and
sink current allows the MAX6666 to drive capacitive loads
up to 10nF with less than 1°C error.
The MAX6667 (Figure 2b) has an open-drain output. The
output capacitance should be minimized in MAX6667
applications because the sourcing current is set by the
pullup resistor. If the output capacitance becomes too
large, lengthy rise and fall times distort the pulse width,
resulting in inaccurate measurements.
Applications Information
Accurate temperature monitoring requires a good thermal
contact between the MAX6666/MAX6667 and the object
being monitored. A precise temperature measurement
depends on the thermal resistance between the object
being monitored and the MAX6666 die. Heat flows in
and out of plastic packages primarily through the leads.
For the best thermal contact, connect all unused pins to
ground. If the sensor is intended to measure the tempera-
ture of a heat-generating component on the circuit board,
mount the device as close as possible to that component
and share the ground traces (if they are not too noisy) with
the component. This maximizes the heat transfer from the
component to the sensor.
Power-Supply Bypassing
The MAX6666/MAX6667 operate from a +3V to +5.5V
supply. If a noisy power-supply line is used, bypass VCC
to GND with a 0.1µF capacitor.
Power Supply from µP Port Pin
The low quiescent current of the MAX6666/MAX6667
enables it to be powered from a logic line, which meets
the requirements for supply voltage range. This provides
a simple shutdown function to totally eliminate quiescent
current by taking the logic line low. The logic line must be
able to withstand the 0.1µF power-supply bypass capac-
itance.
Galvanic Isolation
Use an optocoupler to isolate the MAX6666/MAX6667
whenever a high common-mode voltage is present.
Because some optocouplers have turn-off times that are
much longer than their turn-on times, choose an opto-
coupler with equal turn-on and turn-off times. Unequal
turn-on/turn-off times produce an error in the temperature
reading.
Thermal Considerations
Self-heating may cause the temperature measurement
accuracy of the MAX6666/MAX6667 to degrade in some
applications. The quiescent dissipation and the power dis-
sipated by the digital output may cause errors in obtaining
the accurate temperature measurement. The temperature
errors depend on the thermal conductivity of the package
(SOT23, 140°C/W), the mounting technique, and the
airflow. Static dissipation in the MAX6666/MAX6667 is
typically 4.5mW operating at 5V with no load. As a worst-
case example, consider the MAX6667 and its maximum
rated load of 5mA and assume a maximum output voltage
of 0.8V adds 4mW power dissipation. Use Figure 3 to
estimate the temperature error.
Figure 1. MAX6666/MAX6667 PWM Output
t2
t1
www.maximintegrated.com
Maxim Integrated │ 5
MAX6666/MAX6667
High-Accuracy PWM Output Temperature Sensors



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com