công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TM3DM24RG bảng dữ liệu(PDF) 5 Page - Schneider Electric

tên linh kiện TM3DM24RG
Giải thích chi tiết về linh kiện  module TM3 - 24 IO relays spring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DM24RG bảng dữ liệu(HTML) 5 Page - Schneider Electric

  TM3DM24RG Datasheet HTML 1Page - Schneider Electric TM3DM24RG Datasheet HTML 2Page - Schneider Electric TM3DM24RG Datasheet HTML 3Page - Schneider Electric TM3DM24RG Datasheet HTML 4Page - Schneider Electric TM3DM24RG Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Product data sheet
Connections and Schema
TM3DM24RG
Digital Mixed I/O Module (24-channel)
Wiring Diagram (Source)
(*)
Type T fuse
(1) The COM0, COM1 and COM2 terminals are not connected internally.
(2) To improve the life time of the contacts, and to protect from potential inductive load damage, it is recommended to connect a free
wheeling diode in parallel to each inductive DC load or an RC snubber in parallel of each inductive AC load.
(A) Sink wiring (positive logic)
(C) Source wiring (positive logic)
Wiring Diagram (Sink)
(*)
Type T fuse
(1) The COM0, COM1 and COM2 terminals are not connected internally.
(2) To improve the life time of the contacts, and to protect from potential inductive load damage, it is recommended to connect a free
wheeling diode in parallel to each inductive DC load or an RC snubber in parallel of each inductive AC load.
(B) Source wiring (negative logic)
(D) Sink wiring (negative logic)



Html Pages

1 2 3 4 5