công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TM3AI8G bảng dữ liệu(PDF) 1 Page - Schneider Electric

tên linh kiện TM3AI8G
Giải thích chi tiết về linh kiện  module TM3 - 8 analog inputs spring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI8G bảng dữ liệu(HTML) 1 Page - Schneider Electric

  TM3AI8G Datasheet HTML 1Page - Schneider Electric TM3AI8G Datasheet HTML 2Page - Schneider Electric TM3AI8G Datasheet HTML 3Page - Schneider Electric TM3AI8G Datasheet HTML 4Page - Schneider Electric TM3AI8G Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
TM3AI8G
module TM3 - 8 analog inputs spring
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range of product
Modicon TM3
Product or component
type
Analog input module
Range compatibility
Modicon M241
Modicon M251
Modicon M221
Analogue input number
8
Analogue input type
Current, analogue input range: 4...20 mA
Current, analogue input range: 0...20 mA
Voltage, analogue input range: 0...10 V
Voltage, analogue input range: - 10...10 V
Complementary
Analogue input resolution
11 bits + sign
12 bits
Permissible continuous overload
13 V voltage
40 mA current
Input impedance
<= 50 Ohm current
>= 1 MOhm voltage
LSB value
2.44 mV, analogue input: 0...10 V voltage
4.88 mV, analogue input: - 10...10 V voltage
4.88 µA, analogue input: 0...20 mA current
3.91 µA, analogue input: 4...20 mA current
Conversion time
1 ms + 1 ms per channel + 1 controller cycle time
Sampling duration
<= 1 ms
Absolute accuracy error
+/- 1 % of full scale
+/- 0.2 % of full scale at 77 °F (25 °C)
Temperature drift
+/- 0.01 %FS/°C
Repeat accuracy
+/-0.5 %FS
Non-linearity
+/- 0.2 %FS
Cross talk
<= 1 LSB
[Us] rated supply voltage
24 V DC
Supply voltage limits
20.4...28.8 V
Type of cable
Twisted shielded pairs cable 30 m for input circuit
Current consumption
40 mA at 5 V DC (full load) via bus connector
35 mA at 5 V DC (no load) via bus connector
30 mA at 24 V DC (no load) via external supply
40 mA at 24 V DC (full load) via external supply
Local signalling
1 LED green PWR
Electrical connection
10 x 1.5 mm² removable spring terminal block with pitch 3.81 mm adjustment for
inputs and supply
10 x 1.5 mm² removable spring terminal block with pitch 3.81 mm adjustment for
inputs
Insulation
500 V AC between input and internal logic
1500 V AC between input and supply
Marking
CE
Surge withstand
1 kV for power supply with common mode protection conforming to EN/IEC
61000-4-5
0.5 kV for power supply with differential mode protection conforming to EN/IEC
61000-4-5
1 kV for input with common mode protection conforming to EN/IEC 61000-4-5


Số phần tương tự - TM3AI8G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
TM3AI8G SCHNEIDER-TM3AI8G_V01 Datasheet
145Kb / 8P
Analog input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
More results

Mô tả tương tự - TM3AI8G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
TM3AI4 SCHNEIDER-TM3AI4 Datasheet
138Kb / 5P
module TM3 - 4 analog inputs
Aug 11, 2019
TM3AI8 SCHNEIDER-TM3AI8 Datasheet
130Kb / 5P
module TM3 - 8 analog inputs
Aug 10, 2019
TM3AI4G SCHNEIDER-TM3AI4G Datasheet
139Kb / 5P
module TM3 - 4 analog inputs spring
Aug 11, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
TM3DI16G SCHNEIDER-TM3DI16G Datasheet
154Kb / 5P
module TM3 - 16 inputs spring
Aug 10, 2019
TM3TI4G SCHNEIDER-TM3TI4G Datasheet
146Kb / 7P
module TM3 - 4 inputs temperature spring
Aug 11, 2019
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI8G SCHNEIDER-TM3AI8G_V01 Datasheet
145Kb / 8P
Analog input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3TI4G SCHNEIDER-TM3TI4G_V01 Datasheet
158Kb / 9P
Analog input module, Modicon TM3, 4 / temperature inputs (spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com