| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3611 bảng dữ liệu(PDF) 4 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3611 bảng dữ liệu(HTML) 4 Page - ams AG |
|
4 / 26 page ![]() www.austriamicrosystems.com/Battery-Chargers/AS3610 1.01 3 - 25 AS3610/11 Datasheet - P i n A s s i g n m e n t s 4 Pin Assignments Figure 2. AS3610/11 Pin Assignments (Top View) 4.1 Pin Descriptions Table 1. Pin Descriptions Pin Number Pin Name Pin Name Pin Type Supply Description AS3610 AS3611 1 XEN XEN I VBAT XEnable pin for step down charger 2 USB500 USB500 VBAT Set current limit in charger mode. 100mA / 500mA USB current limit. 3 NTC NTC Analog pin VDD_INT NTC input 4 VBAT VBAT Analog Sense input 5 VDD_INT VDD_INT Connect 1 F (0402) for internal LDO supply 2.5V 6 SW SW Power pin SW node of step down charger. Connect to 1 H inductor (chip coil) 7 VBUS VBUS Charger input (USB voltage or charger voltage) 8 PGND PGND Power GND connection of step down charger 9 STAT STAT Digital Open Drain Output pin Pulled to GND for error / status indication via LED 10 I_TERM I_TERM Analog pin VBAT Sets trickle / EOC current 11 I_SET I_SET VBAT Sets charging current (Constant current) 12 VSS VSS Analog VSS 13 SCL Digital Open Drain Output pin; Requires an external pull-up resistor VBAT I²C clock line OTG_BOOST I VBAT switches mode to OTG boost 14 SDA Digital Open Drain Output pin; Requires an external pull-up resistor VBAT I²C data line CHG_DET I VBAT selects the highest input current limit for wall adapter charging |