công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VAZ-FK-R-YE bảng dữ liệu(PDF) 1 Page - Pepperl+Fuchs Inc.

tên linh kiện VAZ-FK-R-YE
Giải thích chi tiết về linh kiện  AS-Interface flat cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PF [Pepperl+Fuchs Inc.]
Trang chủ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-FK-R-YE bảng dữ liệu(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-FK-R-YE Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AS-Interface flat cable
VAZ-FK-R-YE
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model number
VAZ-FK-R-YE
AS-Interface flat cable
Features
• Oil resistant
• Cable piercing technique
• Resistant to environmental influence
• Resistant to bending
• Suitable for drag chains
• Reverse polarity protected due to the
shape of the cable
• Does not give off silicone
• Graduations in meters
Accessories
VAZ-FK-ED3
AS-Interface end seal for flat cable
Dimensions
Technical data
General specifications
UL File Number
E130266
Electrical specifications
Nominal voltage
300 V
Current loading capacity
According to DIN VDE 0298 Part 4, Table 6, Column 4
Ambient conditions
Conductor temperature
Operating mode: 90 °C (363 K)
Short-circuit: 200 °C (473 K)
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F) at standstill,
-25 ... 85 °C (-13 ... 185 °F) in motion
Mechanical specifications
Core cross-section
Copper tin-plated, extra-fine wire, class 6 in accordance with
DIN VDE 0295
cross-section 1.5 mm2
Bending radius
min. permissible bend radii in accordance with DIN VDE 0298
Part 3, Table 2
Bending stress only permitted on the wide side of the cable
Tension loading
max. 50 N/mm2 on laying acc. to DIN VDE 0298 Part 3
Material
Thermoplastic Elastomer (TPE)
Core insulation
Thermoplastic Elastomer (TPE)
Cable
UL-Style 2103
Color
yellow (Similar to RAL 1012)
Drag chain suitability
Drag chain cycles
≥ 10000000
Motion velocity
≤ 4 m/s
Traverse distance
10 m
Acceleration
≤ 4 m/s2
Cable length
100 m
Flammability
Cable
Flame-retardant as per IEC 60332-1 and UL 758
Note
The cable is intended for use as a bus power line in inside areas.
Only cable with a black sheathing is suitable for outside use.
blue
brown
3.6
6.5
2.5
10
2.5


Số phần tương tự - VAZ-FK-R-YE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-BK PF-VAZ-FK-R-BK Datasheet
166Kb / 1P
AS-Interface flat cable
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results

Mô tả tương tự - VAZ-FK-R-YE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pepperl+Fuchs Inc.
VAZ-FK-PUR-BK-SUP PF-VAZ-FK-PUR-BK-SUP Datasheet
168Kb / 1P
AS-Interface flat cable
VAZ-FK-R-BK PF-VAZ-FK-R-BK Datasheet
166Kb / 1P
AS-Interface flat cable
VAZ-FK-S-BK-SUP PF-VAZ-FK-S-BK-SUP Datasheet
148Kb / 1P
AS-Interface flat cable
VAZ-FK-PUR-BK-500M PF-VAZ-FK-PUR-BK-500M Datasheet
167Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-PUR-BK-SUP-500M PF-VAZ-FK-PUR-BK-SUP-500M Datasheet
168Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-PUR-YE-500M PF-VAZ-FK-PUR-YE-500M Datasheet
167Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-S-BK-500M PF-VAZ-FK-S-BK-500M Datasheet
147Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-S-BK-SUP-500M PF-VAZ-FK-S-BK-SUP-500M Datasheet
149Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-S-YE-500M PF-VAZ-FK-S-YE-500M Datasheet
149Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-S-YE-SAFETY PF-VAZ-FK-S-YE-SAFETY Datasheet
148Kb / 1P
AS-Interface flat cable
2019-08-23
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com