công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVM-GPS-R4 bảng dữ liệu(PDF) 3 Page - Linx Technologies

tên linh kiện EVM-GPS-R4
Giải thích chi tiết về linh kiện  R4 Series Evaluation Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINX [Linx Technologies]
Trang chủ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

EVM-GPS-R4 bảng dữ liệu(HTML) 3 Page - Linx Technologies

  EVM-GPS-R4 Datasheet HTML 1Page - Linx Technologies EVM-GPS-R4 Datasheet HTML 2Page - Linx Technologies EVM-GPS-R4 Datasheet HTML 3Page - Linx Technologies EVM-GPS-R4 Datasheet HTML 4Page - Linx Technologies EVM-GPS-R4 Datasheet HTML 5Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
–
–
1
Description
The R4 Series GPS receiver module is a self-contained high-performance
GPS receiver with an on-board LNA and SAW filter. Based on the SiRFstar
IV chipset, it provides exceptional sensitivity, even in dense foliage and
urban canyons. The module’s very low power consumption helps maximize
runtimes in battery powered applications. With over 200,000 effective
correlators, the R4 Series receiver can acquire and track up to 48 satellites
simultaneously in just seconds, even at the lowest signal levels. These
features, along with the module’s standard NMEA data output, make it
easy to integrate, even by engineers without previous RF or GPS
experience. The Linx R4 Series GPS modules offer a simple, efficient and
cost-effective method of adding GPS capabilities to any product.
The evaluation module contains the surface mount R4 Series GPS module,
SMA connector and a ferrite bead (used to supply power to an external
active antenna, such as the Linx SH Series active GPS antenna) on a single
board with through-hole headers. This small board makes prototyping with
the R4 Series module very easy.
R4 Series GPS Receiver
Evaluation Module
User's Guide
Revised 5/6/2015
Figure 1: R4 Series Evaluation Module



Html Pages

1 2 3 4 5