công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC61FN3852PL bảng dữ liệu(PDF) 6 Page - Torex Semiconductor

tên linh kiện XC61FN3852PL
Giải thích chi tiết về linh kiện  Voltage Detectors ( Delay Circuit Built-In)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN3852PL bảng dữ liệu(HTML) 6 Page - Torex Semiconductor

Back Button XC61FN3852PL Datasheet HTML 2Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 3Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 4Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 5Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 6Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 7Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 8Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 9Page - Torex Semiconductor XC61FN3852PL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
XC61F Seires
162
2
■Block Diagram
■Electrical Characteristics
Vref
Delay Circuit
Vref
Delay Circuit
(1)CMOS output
(2)N-channel open drain output
VOUT
VIN
VSS
VOUT
VIN
VSS
■絶対最大定格
Ta=25℃
SYMBOL
RATINGS
UNITS
VIN
12
V
IOUT
50
mA
VOUT
VSS -0.3
∼ VIN +0.3
VSS -0.3
∼ 9
V
Continuous Total
SOT-23
Pd
150
mW
Power Dissipation
SOT-89
500
Topr
-30
∼ +80
O
C
Tstg
-40
∼ +125
O
C
Output Voltage
PARAMETER
Output Current
Input Voltage
Storage Temperature
Operating Ambient Temperature
CMOS
N-ch open drain
TO-92
300
■Absolute Maximum Ratings
Ta=25℃
VDF(T):established detect voltage value
Release Voltage : VDR = V DF + V HYS
Note : The power consumption during power-start to output being stable (release operation) is 2
µA greater than it is after that period
(completion of release operation) because of delay circuit through current.
* Transient Delay Time : 1ms to 50ms & 80ms to 400ms versions are also available.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Detect Voltage
V DF
VDF (T)
VDF (T)
VDF (T)
V
x 0.98
x 1.02
Hysteresis Range
VHYS
VDF
VDF
VDF
V
x 0.02
x 0.05
x 0.08
VIN=1.5V
0.9
2.6
=2.0V
1.0
3.0
Supply Current
ISS
=3.0V
1.3
3.4
µA
2
1
1
=4.0V
1.6
3.8
=5.0V
2.0
4.2
Operating Voltage
V IN
VDF=1.6V to 6.0V
0.7
10.0
V
1
N-ch
VDS=0.5V
VIN=1.0V
2.2
=2.0V
7.7
3
=3.0V
10.1
Output Current
IOUT
=4.0V
11.5
mA
=5.0V
13.0
P-ch
VDS=2.1V
VIN=8.0V
-10.0
4
( CMOS output )
Detect Voltage
∆ VDF
± 100
ppm/
°C
-
Temperature Characteristics
∆ Topr • VDF
Transient Delay Time
tDLY *
VIN changes from
50
200
ms
5
(VDR
VOUT inversion)
0.6V to 10V
02S_04XC61F 02.09.12 14:04 ページ 162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com