công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7657BSTZ bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện AD7657BSTZ
Giải thích chi tiết về linh kiện  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7657BSTZ bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button AD7657BSTZ Datasheet HTML 14Page - Analog Devices AD7657BSTZ Datasheet HTML 15Page - Analog Devices AD7657BSTZ Datasheet HTML 16Page - Analog Devices AD7657BSTZ Datasheet HTML 17Page - Analog Devices AD7657BSTZ Datasheet HTML 18Page - Analog Devices AD7657BSTZ Datasheet HTML 19Page - Analog Devices AD7657BSTZ Datasheet HTML 20Page - Analog Devices AD7657BSTZ Datasheet HTML 21Page - Analog Devices AD7657BSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 18 of 25
Figure 6. AD7658/AD7657/AD7656 Parallel Interface Timing Diagram (W/B= 0)
LOW BYTE
HIGH BYTE
DB15-DB8
+5
4,
t3
t4
t5
t6
t7
t9
Figure 7. Parallel Interface – Read cycle for Byte mode of operation. (W/B= 1, HBEN = 0)
Software Selection of ADCs
The H/S SEL pin determines the source of the combination of
ADCs that are to be simultaneously sampled. When the H/S
SEL pin is a logic low the combination of channels to be
simultaneously sampled is determined by the CONVSTA,
CONVSTB, and CONVSTC pins. When the H/S SEL pin is a
logic high the combination of channels selected for
simultaneous sampling is determined by the contents of the
Control register DB15 to DB8. In this mode a write to the
Control register is necessary.
The Control register is an 8-bit write only register. Data is
written to this register using the CS and WR pins and DB[15:8]
data pins, see Figure 8. The Control register is shown in Table 8.
To select an ADC pair to be simultaneously sampled, set the
corresponding data line high during the write operation.
The AD7658/AD7657/AD7656 control register allows
individual ranges to be programmed on each ADC pair. DB12
to DB10 in the Control register are used to program the range
on each ADC pair. The AD7658/AD7657/AD7656 allows the
user to select either ± 4 x VREF or ± 2 x VREF as the analog
input range. RNGA is used to select the range for the next
conversion on V1 and V2, RNGB is used to select the Range for
the next conversion on V3 and V4 and RNGC is used to select
the range for V5 and V6. When the RNGX is 1 the range on the
corresponding Analog input pair is ± 2 x VREF. When the
RNGX bit is 0 the range on the corresponding Analog Input
pair is ± 4 x VREF.
The REFEN pin is used to disable the internal reference,
allowing the user to supply an external reference to the
AD7658/AD7657/AD7656. When a 0 is written to this bit the
on-chip reference is disabled. When a 1 is written to this bit the
on-chip reference is enabled.
The REF BUF bit is used to disable the internal reference
buffers. When this bit is 1 the internal reference buffers are
disabled.
After a RESET occurs on the AD7658/AD7657/AD7656 the
Control register will contain all zeros.
Table 8.Control Register
D15
D14
D13
D12
D11
D10
D9
D8
VC
VB
VA
RNGC
RNGB
RNGA
REFEN
REFBUF
The CONVSTA signal is used to initiate a simultaneous
conversion on the combination of channels selected via the
Control register. The CONVSTB and CONVSTC signals can be
tied low when operating in software mode, H/S SEL = 1. The
number of read pulses required will depend on the number of
ADCs selected in the Control register and also whether
operating in word or BYTE mode. The conversion results will
be output in ascending order.
During the write operation the Data Bus bits DB15 to DB8 are
bidirectional and become inputs to the Control register when
RD is a logic high, CS and WR are logic low. The logic state on
DB15 through DB8 is latched into the Control register when
WR goes logic high.
t12
DATA
DB15-DB8
+5
94
t13
t14
t15
t16
Figure 8. Parallel Interface – Write cycle for Word Mode . (W/B= 0)
Changing the Analog Input Range(H/S SEL=0)
The AD7658/AD7657/AD7656 RANGE pin allows the user to
select either ± 2 x VREF or ± 4 x VREF as the analog input
range for the six Analog Inputs. When the H/S SEL pin is low
the logic state of the RANGE pin is sampled on the falling edge
of the BUSY signal to determine the range for the next
simultaneous conversion. When the RANGE pin is a logic high
at the falling edge of the BUSY signal the range for the next



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com