công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCS2113T-1-V/G4 bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện UCS2113T-1-V/G4
Giải thích chi tiết về linh kiện  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-1-V/G4 bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button UCS2113T-1-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 37Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 40Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 41Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 42Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 39
UCS2113
REGISTER 8-5:
GENERAL STATUS 1 REGISTER (ADDRESS 0FH)
R/C-0
U-x
U-x
R-0
R-0
U-x
U-x
U-x
RATION1
—
—
CC_MODE1 PWR_EN1_CON
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RATION1: Indicates the state of Port 1 Rationing. This bit is cleared when read, or cleared automatically
when the RATION_RST1 bit is set or the RATION_EN1 bit is cleared.
1 = Port 1 has delivered the programmed mAh of current
0 = Port 1 has not delivered the programmed mAh of current
bit 6-5
Unimplemented
bit 4
CC_MODE1: Indicates whether Port 1 has entered CC mode.
1 = Port 1 is in CC mode
0 = Port 1 not in CC mode
bit 3
PWR_EN1_CON: Reflects the PWR_EN control state. This bit is set and cleared automatically with the
logic expression (PWR_EN1 pin OR PWR_EN1S).
1 = Port 1 Power Enable is set
0 = Port 1 Power Enable is clear
bit 2-0
Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com