| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP8733 bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8733 bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 84 page ![]() Table 7-59. INT_TOP_1 Register Field Descriptions (continued) Bits Field Type Default Description 6 LDO_INT R 0 Interrupt indicating that the LDO1 and LDO0 have a pending interrupt. The reason for the interrupt is indicated in the INT_LDO register. This bit is cleared automatically when the INT_LDO register is cleared to 0x00. 5 BUCK_INT R 0 Interrupt indicating that the Buck1 and Buck0 have a pending interrupt. The reason for the interrupt is indicated in the INT_BUCK register. This bit is cleared automatically when INT_BUCK register is cleared to 0x00. 4 SYNC_CLK_INT R/W 0 Latched status bit indicating that the external clock has appeared or disappeared. Write 1 to clear interrupt. 3 TDIE_SD_INT R/W 0 Latched status bit indicating that the die junction temperature has exceeded the thermal shutdown level. The regulators have been disabled if they were enabled and the GPO and GPO2 signals are driven low. The regulators cannot be enabled if this bit is active. The actual status of the thermal shutdown is indicated by the TDIE_SD_STAT bit in the TOP_STAT register. Write 1 to clear interrupt. 2 TDIE_WARN_INT R/W 0 Latched status bit indicating that the die junction temperature has exceeded the thermal warning level. The actual status of the thermal warning is indicated by the TDIE_WARN_STAT bit in the TOP_STAT register. Write 1 to clear interrupt. 1 OVP_INT R/W 0 Latched status bit indicating that the input voltage has exceeded the over-voltage detection level. The regulators have been disabled if they were enabled and the GPO and GPO2 signals are driven low. The actual status of the over-voltage is indicated by the OVP_STAT bit in the TOP_STAT register. Write 1 to clear interrupt. 0 I_MEAS_INT R/W 0 Latched status bit indicating that the load current measurement result is available in the I_LOAD_1 and I_LOAD_2 registers. Write 1 to clear interrupt. 7.6.1.27 INT_TOP_2 INT_TOP_2 is shown in Table 7-61, Address: 0x1A Table 7-60. INT_TOP_2 Register D7 D6 D5 D4 D3 D2 D1 D0 Reserved - do not use RESET_REG_I NT Table 7-61. INT_TOP_2 Register Field Descriptions Bits Field Type Default Description 7:1 Reserved - do not use R/W 000 0000 0 RESET_REG_INT R/W 0 Latched status bit indicating that either VANA supply voltage has been below the undervoltage threshold level or the host has requested a reset using the SW_RESET bit in RESET register. The regulators have been disabled, the registers are reset to the default values, and the normal startup procedure is done. Write 1 to clear interrupt. 7.6.1.28 INT_BUCK INT_BUCK is shown in Table 7-63, Address: 0x1B Table 7-62. INT_BUCK Register D7 D6 D5 D4 D3 D2 D1 D0 Reserved - do not use BUCK1_PG _INT BUCK1_SC _INT BUCK1_ILIM _INT Reserved - do not use BUCK0_PG _INT BUCK0_SC _INT BUCK0_ILIM _INT LP8733 SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021 www.ti.com 54 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP8733 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |