công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S12SPIV2 bảng dữ liệu(PDF) 21 Page - Motorola, Inc

tên linh kiện S12SPIV2
Giải thích chi tiết về linh kiện  MC9S12DT128B
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SPIV2 bảng dữ liệu(HTML) 21 Page - Motorola, Inc

Back Button S12SPIV2 Datasheet HTML 17Page - Motorola, Inc S12SPIV2 Datasheet HTML 18Page - Motorola, Inc S12SPIV2 Datasheet HTML 19Page - Motorola, Inc S12SPIV2 Datasheet HTML 20Page - Motorola, Inc S12SPIV2 Datasheet HTML 21Page - Motorola, Inc S12SPIV2 Datasheet HTML 22Page - Motorola, Inc S12SPIV2 Datasheet HTML 23Page - Motorola, Inc S12SPIV2 Datasheet HTML 24Page - Motorola, Inc S12SPIV2 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
21
Figure 1-2 MC9S12DT128B Memory Map
$C000 – $FFFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at end
and 256 bytes of Vector Space at $FF80
– $FFFF
16384
Table 1-1 Device Memory Map
Address
Module
Size
(Bytes)
$0000
$FFFF
$C000
$8000
$4000
$0400
$0800
$1000
$2000
$FF00
EXT
NORMAL
SINGLE CHIP
EXPANDED
SPECIAL
SINGLE CHIP
VECTORS
VECTORS
VECTORS
$FF00
$FFFF
BDM
(If Active)
$C000
$FFFF
16K Fixed Flash EEPROM
2K, 4K, 8K or 16K Protected Boot Sector
$8000
$BFFF
16K Page Window
eight * 16K Flash EEPROM Pages
$4000
$7FFF
16K Fixed Flash EEPROM
0.5K, 1K, 2K or 4K Protected Sector
$2000
$3FFF
8K Bytes RAM
Mappable to any 8K Boundary
$0800
$0FFF
2K Bytes EEPROM
Mappable to any 2K Boundary
$0000
$03FF
1K Register Space
Mappable to any 2K Boundary
The address does not show the map after reset, but a useful map. After reset the map is:
$0000 – $03FF: Register Space
$0000 – $1FFF: 8K RAM
$0000 – $07FF: 2K EEPROM (not visible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More