công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VP3203 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện VP3203
Giải thích chi tiết về linh kiện  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VP3203 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button VP3203 Datasheet HTML 2Page - Microchip Technology VP3203 Datasheet HTML 3Page - Microchip Technology VP3203 Datasheet HTML 4Page - Microchip Technology VP3203 Datasheet HTML 5Page - Microchip Technology VP3203 Datasheet HTML 6Page - Microchip Technology VP3203 Datasheet HTML 7Page - Microchip Technology VP3203 Datasheet HTML 8Page - Microchip Technology VP3203 Datasheet HTML 9Page - Microchip Technology VP3203 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VP3203
DS20006013A-page 6
2021 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTION
The details on the pins of VP3203 3-lead TO-39 and
3-lead SOT-89 are listed in Table 3-1 and Table 3-2,
respectively. Refer to
Package Types for the location
of pins.
TABLE 3-1:
3-LEAD TO-39 PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Source
Source
2
Gate
Gate
3
Drain
Drain
TABLE 3-2:
3-LEAD SOT-89 PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Gate
Gate
2,4
Drain
Drain
3
Source
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14