| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PMICFS bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PMICFS bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 3 page ![]() www.nxp.com/PMIC NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of their respective owners. © 2015–2021 NXP B.V. Document Number: PMICFS REV 8 NXP CONFIGURABLE COMPANION POWER MANAGEMENT IC PORTFOLIO PF502x PMICs are a series of software and pin-to-pin compatible multi-phase highly configurable devices. That, along with QM to ASIL B functional safety scalability, makes them suitable companions and fit for various system-level power requirements. This product family was designed to be used for autonomous, connectivity, automotive and industrial applications. PMIC COMMUNITY The PMIC community is a dedicated community with experts available to answer your questions. https://community.nxp.com/community/Power-Management PMIC Operating Voltage (V) Buck / Boost LDO Ambient Temp Range (°C) ASIL Special Features Package Associated NXP Processor Other Processors PF5020 2.7–5.5 3 1 -40 to +125 ASIL B/ QM Watchdog, AMUX, multiphase QFN48 i.MX 8 FPGA, Renesas R-Car M3, H3 PF5023 2.7–5.5 3 -40 to +125 ASIL B/ QM Watchdog, AMUX, multiphase QFN48 i.MX 8 FPGA, Renesas R-Car M3, H3 PF5024 2.7–5.5 4 -40 to +125 ASIL B/ QM Watchdog, AMUX, multiphase QFN48 i.MX 8 FPGA, Renesas R-Car M3, H3 |