công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AOU448L bảng dữ liệu(PDF) 2 Page - Alpha & Omega Semiconductors

tên linh kiện AOU448L
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU448L bảng dữ liệu(HTML) 2 Page - Alpha & Omega Semiconductors

  AOU448L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU448L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU448L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU448L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU448L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOU448
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.5
2.5
V
ID(ON)
100
A
4.7
5.6
TJ=125°C
7
8.5
7.3
9
m
Ω
gFS
40
S
VSD
1V
IS
55
A
Ciss
2342
2810
pF
Coss
462
pF
Crss
320
pF
Rg
1.1
1.5
Ω
Qg(10V)
70
84
nC
Qg(4.5V)
34.8
42
nC
Qgs
13.1
nC
Qgd
18.5
nC
tD(on)
9ns
tr
11
ns
tD(off)
30.7
ns
tf
9.2
ns
trr
34.5
42
ns
Qrr
28.3
34
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS, ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
IS=1A, VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design, and the maximum temperature fo 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
I. Revision 0: June 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com