| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F785 bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F785 bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 178 page ![]() 2004 Microchip Technology Inc. Preliminary DS41249A-page 37 PIC16F785 4.2.3.3 RA2/AN2/T0CKI/INT/C1OUT Figure 4-3 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • the clock input for TMR0 • an external edge triggered interrupt • a digital output from comparator 1 FIGURE 4-3: BLOCK DIAGRAM OF RA2 4.2.3.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset w/weak pull-up FIGURE 4-4: BLOCK DIAGRAM OF RA3 I/O PIN VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD WEAK ANS2 DATA BUS WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA TO A/D CONVERTER 0 1 TO INT TO TMR0 ANS2 RAPU INTERRUPT-ON- CHANGE C1OUT C1OE D EN Q D EN Q D EN Q Q1 Q3 RD PORTA INPUT VSS D Q CK Q RD PORTA WR IOCA RD IOCA RESET MCLRE RD TRISA VSS MCLRE VDD WEAK MCLRE INTERRUPT-ON- CHANGE PIN D EN Q D EN Q D EN Q Q1 Q3 RD PORTA D Q CK Q DATA BUS WR WPUA RD WPUA RAPU |