| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AOFW101-S bảng dữ liệu(PDF) 21 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
AOFW101-S bảng dữ liệu(HTML) 21 Page - IDEC Corporation |
|
21 / 41 page ![]() ø22mm - TW Series Switches & Pilot Devices 716 www.IDEC.com 1904032203 Illuminated Selector Switches (Assembled) Assembled Illuminated Selector Switches A SL W 2 (2) 99 11 (D) – (103) – R – (24V) Function SL:Illuminated Selector Switch Series Designation W: TW series Number of Positions 2: 2-Position 3: 3-Position Spring Return Action Blank: Maintained 1: Spring return from Right 2: Spring return from Left 3: Two-Way spring return from Left and Right Illumination Circuit 99: Full Voltage (lamp determines voltage) 126: 120V AC Step Down Transformer 246: 240V AC Step Down Transformer 486: 480V AC Step Down Transformer Lamp Voltage (Full Voltage Units Only) 6V: 6V AC/DC 12V: 12V AC/DC 24V: 24V AC/DC 120V: 120V AC 240V: 240V AC Lens Color Code A: Amber G: Green R: Red S: Blue W: White Y: Yellow Contact Circuit Number Standard circuits are listed on the following pages and 720. Lamp Type D: LED Lamp Contact Arrangement 10: 1NO 01: 1NC 20: 2NO 02: 2NC 40: 4NO 04: 4NC 11: 1NO-1NC 22: 2NO-2NC 1. Use only when interpreting part numbers. Do not use for developing part numbers. 2. All transformers step down to 6V (use 6V lamp). |