| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMUX7412F bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMUX7412F bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 42 page ![]() 7.6 ±15 V Dual Supply: Electrical Characteristics VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted) Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT ANALOG SWITCH RON On-resistance VS = –10 V to +10 V ID = –10 mA 25°C 8.3 11 Ω –40°C to +85°C 14 –40°C to +125°C 16.5 ΔRON On-resistance mismatch between channels VS = –10 V to +10 V ID = –10 mA 25°C 0.06 0.45 Ω –40°C to +85°C 0.5 –40°C to +125°C 0.6 RFLAT On-resistance flatness VS = –10 V to +10 V ID = –10 mA 25°C 0.01 0.4 Ω –40°C to +85°C 0.4 –40°C to +125°C 0.4 RON_DRIFT On-resistance drift VS = 0 V, IS = –10 mA –40°C to +125°C 0.04 Ω/°C IS(OFF) Input leakage current(1) VDD = 16.5 V, VSS = –16.5 V Switch state is off VS = +10 V / –10 V VD = –10 V / + 10 V 25°C –0.7 0.03 0.7 nA –40°C to +85°C –2 2 –40°C to +125°C –10 10 ID(OFF) Output off leakage current(1) VDD = 16.5 V, VSS = –16.5 V Switch state is off VS = +10 V / –10 V VD = –10 V / + 10 V 25°C –0.7 0.03 0.7 nA –40°C to +85°C –2 2 –40°C to +125°C –12 12 IS(ON) ID(ON) Output on leakage current(2) VDD = 16.5 V, VSS = –16.5 V Switch state is on VS = VD = ±10 V 25°C –0.7 0.5 0.7 nA –40°C to +85°C –2 2 –40°C to +125°C –15 15 FAULT CONDITION IS(FA) Input leakage current durring overvoltage VS = ± 60 V, GND = 0 V, VDD = 16.5 V, VSS = –16.5 V –40°C to +125°C ±100 µA IS(FA) Grounded Input leakage current during overvoltage with grounded supply voltages VS = ± 60 V, GND = 0 V VDD = VSS = 0 V –40°C to +125°C ±125 µA IS(FA) Floating Input leakage current during overvoltage with floating supply voltages VS = ± 60 V, GND = 0 V, VDD = VSS = floating –40°C to +125°C ±125 µA ID(FA) Output leakage current during overvoltage VS = ± 60 V, GND = 0 V, VDD = 16.5 V, VSS = –16.5 V 25°C –20 ±0.1 20 nA –40°C to +85°C –30 30 –40°C to +125°C –60 60 ID(FA) Grounded Output leakage current during overvoltage with grounded supply voltages VS = ± 60 V, GND = 0 V, VDD = VSS = 0 V 25°C –30 ±0.01 30 nA –40°C to +85°C –50 50 –40°C to +125°C –90 90 ID(FA) Floating Output leakage current during overvoltage with floating supply voltages VS = ± 60 V, GND = 0 V, VDD = VSS = floating 25°C ±2 µA –40°C to +85°C ±3 –40°C to +125°C ±4 www.ti.com TMUX7411F, TMUX7412F, TMUX7413F SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TMUX7411F TMUX7412F TMUX7413F |