| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS14F3CS-CE bảng dữ liệu(PDF) 4 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
HS14F3CS-CE bảng dữ liệu(HTML) 4 Page - Emerson Network Power |
|
4 / 10 page ![]() Dry Type Distribution Transformers Group A: 480 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel 3 Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT1F3AS HTP1F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 105.0 (47.63) 4 27 3.6 8.3 6 HT1F6AS HTP1F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 150.0 (68.03) 4 27 7.2 16.6 9 HT1F9AS HTP1F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40) 4 27 10.8 25.0 15 HT1F15AS HTP1F15AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 261.0 (118.39) 4 27 18.1 41.7 30 HT1F30AS HTP1F30AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 696.0 (315.70) 4 27 36.1 83.4 45 HT1F45AS HTP1F45AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 844.0 (382.83) 4 27 54.2 125.0 Visit our website at www.emerson.com or contact Technical Services at (800) 377-4384 with any questions. © July 2020 220 Group C: 480 Volt Δ Primary,240 Volt Δ Secondary with 120 V reduced capacity center tap, 60 Hz 2 kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel 3 Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT5F3AS HTP5F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 105.0 (47.63) 4 28 3.6 7.2 6 HT5F6AS HTP5F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 150.0 (68.03) 4 28 7.2 14.4 9 HT5F9AS HTP5F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40) 4 28 10.8 21.7 15 HT5F15AS HTP5F15AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 305.0 (138.35) 4 28 18.1 36.1 30 HT5F30AS HTP5F30AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 698.0 (316.61) 4 28 36.1 72.2 45 HT5F45AS HTP5F45AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 876.0 (397.35) 4 28 54.2 108.3 Notes: 1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section. 2. Refer to Capacity of Center Tap in Center Tap Delta Transformers at the beginning of this section. 3. Contact Technical Services for other enclosure types. Group D: 240 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel 3 Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT6F3AS HTP6F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 97.0 (44.00) 4 25 7.2 8.3 6 HT6F6AS HTP6F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 150.0 (68.03) 4 25 14.4 16.6 9 HT6F9AS HTP6F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12) 4 25 21.7 25.0 Selection Tables: Three Phase Group B: 208 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel 3 Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT3F3AS HTP3F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 97.0 (44.00) 4 26 7.2 8.3 6 HT3F6AS HTP3F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 150.0 (68.03) 4 26 14.4 16.6 9 HT3F9AS HTP3F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12) 4 26 21.7 25.0 |