công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9725 bảng dữ liệu(PDF) 2 Page - 3M Electronics

tên linh kiện 9725
Giải thích chi tiết về linh kiện  3M™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

9725 bảng dữ liệu(HTML) 2 Page - 3M Electronics

  9725 Datasheet HTML 1Page - 3M Electronics 9725 Datasheet HTML 2Page - 3M Electronics 9725 Datasheet HTML 3Page - 3M Electronics 9725 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
(2)
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
Product
3M™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape 9725
Adhesion - 180 degree peel strength to
stainless steel (Modified ASTM D3330
Oz/in (N/100 mm)
180 degree, 2 mil PET as backing)
- 20 minutes @ RT
46 (50)
- 24 hours @ RT
51 (55)
- 72 hours @ RT
59 (64)
Operating Temperature Ranges*:
Long Term (days, weeks)
158°F (70°C)
Short Term (minutes, hours)
250°F (121°C)
*3M™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape 9725 is not recommended for uncertain high or low temperature excursions
where the electrical performance might be compromised, even if holding power is not affected. The user is responsible for the temperature
performance qualification of 3M ECATT 9725 in their design.
Electrical Conductivity
Surface electrical resistance
< 0.06
Ω /
Electrical resistance through adhesive*
< 0.02
Ω / inch2
*MIL-STD-202 Method 307 maintained at 5 psi (3.4Ncm
2) measured over 1 inch2 surface area and one side of the tape was laminated with
one layer of copper foil.
Shelf Life of Tape in Roll Form
24 months from date of manufacture when stored in original cartons
at 70°C (21°C) and 50% relative humidity.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com