công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLSTK3701A bảng dữ liệu(PDF) 21 Page - Silicon Laboratories

tên linh kiện SLSTK3701A
Giải thích chi tiết về linh kiện  EFM32 Giant Gecko GG11 Starter Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLSTK3701A bảng dữ liệu(HTML) 21 Page - Silicon Laboratories

Back Button SLSTK3701A Datasheet HTML 17Page - Silicon Laboratories SLSTK3701A Datasheet HTML 18Page - Silicon Laboratories SLSTK3701A Datasheet HTML 19Page - Silicon Laboratories SLSTK3701A Datasheet HTML 20Page - Silicon Laboratories SLSTK3701A Datasheet HTML 21Page - Silicon Laboratories SLSTK3701A Datasheet HTML 22Page - Silicon Laboratories SLSTK3701A Datasheet HTML 23Page - Silicon Laboratories SLSTK3701A Datasheet HTML 24Page - Silicon Laboratories SLSTK3701A Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
6.9 QSPI Flash Memory
The EFM32 Giant Gecko GG11 Starter Kit features a Macronix MX25R 32 Mbit external NOR flash memory connected to the EFM32's
Quad SPI (QSPI) peripheral. The external flash is memory mapped in both code space and user space, and can be used for data stor-
age or for storing program code that can be executed directly from flash due to the QSPI peripheral's execute-in-place (XIP) support.
QSPI_PWR_ENABLE
PG0 (QSPI0_SCLK #2)
PG1 (QSPI0_DQ0 #2)
PG13 (GPIO)
QSPI_DQ0
QSPI_CS
VMCU
VDD
EFM32
32 Mbit QSPI
Flash Memory
PG9 (QSPI0_CS0 #2)
PG2 (QSPI0_DQ1 #2)
PG3 (QSPI0_DQ2 #2)
PG4 (QSPI0_DQ3 #2)
QSPI_SCLK
QSPI_DQ1
QSPI_DQ2
QSPI_DQ3
Figure 6.9. QSPI Flash Memory
6.10 Micro-SD Slot
The micro-SD slot is connected to the EFM32's SDIO peripheral. The SDIO peripheral supports both SD memory cards as well as
SDIO devices with a micro-SD form factor. The micro-SD slot has an active low card detect switch.
SDIO_PWR_ENABLE
PE14 (SDIO_CLK #1)
PA0 (SDIO_DAT0 #1)
PE7 (GPIO)
SDIO_DAT0
SDIO_CMD
VMCU
VDD
EFM32
PE15 (SDIO_CMD #1)
PA1 (SDIO_DAT1 #1)
PA2 (SDIO_DAT2 #1)
PA3 (SDIO_DAT3 #1)
SDIO_CLK
SDIO_DAT1
SDIO_DAT2
SDIO_DAT3
Micro-SD Slot
SDIO_CD
PB10 (SDIO_CD #3)
Figure 6.10. Micro-SD Slot
UG287: EFM32 Giant Gecko GG11 Starter Kit User's Guide
Peripherals
silabs.com | Building a more connected world.
Rev. 1.10 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33