| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2D2 bảng dữ liệu(PDF) 5 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
2D2 bảng dữ liệu(HTML) 5 Page - Honeywell Solid State Electronics Center |
|
5 / 11 page ![]() Manual Switches Series 2 Pushbutton Switches and Indicators Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 109 ONE-PIECE DISPLAY SCREEN OPTIONS Single-section These translucent solid color display screens are single-section/one piece construction SINGLE-SECTION/ ONE-PIECE SCREENS ORDER GUIDE Colors Standard Red 2A1 Yellow 2A2 Green 2A3 White 2A5 THREE-PIECE DISPLAY SCREEN OPTIONS Single-section These screens have transparent colored or colorless caps, transparent colorless legend inserts and translucent colored bases. SINGLE-SECTION/THREE-PIECE SCREENS ORDER GUIDE Colorless Color Caps Red 2A81 Yellow 2A82 Green 2A85 White 2A70 Amber 2A114 NOTE: Add –L to catalog listing if button is to be legended. Silicone rubber baffles prevent light spillage from one section to another. Screen caps and legend inserts are transparent colorless. Bases are translucent colored. For more information on 2, 3, and 4-section display screens, contact the MICRO SWITCH Application Center. |