| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2B2 bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
2B2 bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center |
|
2 / 11 page ![]() Manual Switches Series 2 Pushbuttons Switches and Indicators 106 Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada Barriers on long sides Barriers on short sides BARRIER MOUNT MODULES Barrier mount assemblies are identical in panel appearance. Operator-indicator housings have spring clips for attaching switch modules. This feature is not pro- vided with indicator housings. Barriers are necessary for mounting. They can be specified for attachment to the long or short side of the housing, as stated in the order guides. BARRIER MOUNT HOUSING ORDER GUIDE See ‘‘Application Data’’ for typical bailing circuits for coil-equipped modules. Tool Not Required Barriers Attach On: No. of Lamp Sockets Operator-Indicator Indicator Only Long Sides of Housing 2 (A & C) 2C207 4 (A-D) 2C209 Short Sides of Housing 2 (A & C) 2C201 4 (A-D) 2C203 2F203 MOUNTING BARRIER ORDER GUIDE For strip mounting, specify one more barrier than the number of units in the group. Catalog Listings Mounting Barrier For Panel Type Thickness Gray Black Attach to Long Sides .06-.19 in. (1,52-4,83 mm) 2B2 2B4 Attach to Short Sides .06-.19 in. (1,52-4,83 mm) 2B1 2B3 Note: Panels .19 in. (1,52 mm) thick require the .06-.19 in. (1,52-4,83 mm) type barriers. |