| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS1L-DQ7Y4KMSRP-R bảng dữ liệu(PDF) 3 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
HS1L-DQ7Y4KMSRP-R bảng dữ liệu(HTML) 3 Page - IDEC Corporation |
|
3 / 8 page ![]() 3 HS1L Interlock Switches with Solenoid Types Lock Mechanism Circuit Code ContactConfiguration Manual Unlocking Key Conduit Port Size LED Indicator Part Number Spring Lock R Main: 1NC+1NC Door monitor: 1NO/1NC Lock monitor: 2NC Monitor circuit: Monitor circuit: Monitor circuit: Monitor circuit: 22 21 41 42 12 11 33 34 51 52 61 62 Main circuit: With G1/2 Red HS1L-R44KMSR-R Green HS1L-R44KMSR-G PG13.5 Red HS1L-R44KMSRP-R Green HS1L-R44KMSRP-G M20 Red HS1L-R44KMSRM-R Green HS1L-R44KMSRM-G DQ Main: 1NC+1NC Door monitor: 1NO 1NC+1NC Lock monitor: 1NO Main circuit: Main circuit: Monitor circuit: Monitor circuit: 22 21 41 42 12 11 33 34 51 52 63 64 G1/2 Red HS1L-DQ44KMSR-R Green HS1L-DQ44KMSR-G PG13.5 Red HS1L-DQ44KMSRP-R Green HS1L-DQ44KMSRP-G M20 Red HS1L-DQ44KMSRM-R Green HS1L-DQ44KMSRM-G DT Main: 1NC+1NC Door monitor: 1NC 1NC+1NC Lock monitor: 1NC 22 21 41 42 12 11 51 52 32 31 61 62 Main circuit: Main circuit: Monitor circuit: Monitor circuit: G1/2 Red HS1L-DT44KMSR-R Green HS1L-DT44KMSR-G PG13.5 Red HS1L-DT44KMSRP-R Green HS1L-DT44KMSRP-G M20 Red HS1L-DT44KMSRM-R Green HS1L-DT44KMSRM-G Solenoid Lock R (+) X2 (−) X1 (+) A2 (−) A1 LED Door Monitor (Actuator Inserted) Lock Monitor (Solenoid ON) Main: 1NC+1NC Door monitor: 1NO/1NC Lock monitor: 2NC Monitor circuit: Monitor circuit: Monitor circuit: Monitor circuit: 22 21 41 42 12 11 33 34 51 52 61 62 Main circuit: With G1/2 Red HS1L-R7Y4KMSR-R Green HS1L-R7Y4KMSR-G PG13.5 Red HS1L-R7Y4KMSRP-R Green HS1L-R7Y4KMSRP-G M20 Red HS1L-R7Y4KMSRM-R Green HS1L-R7Y4KMSRM-G DQ Main: 1NC+1NC Door monitor: 1NO 1NC+1NC Lock monitor: 1NO Main circuit: Main circuit: Monitor circuit: Monitor circuit: 22 21 41 42 12 11 33 34 51 52 63 64 G1/2 Red HS1L-DQ7Y4KMSR-R Green HS1L-DQ7Y4KMSR-G PG13.5 Red HS1L-DQ7Y4KMSRP-R Green HS1L-DQ7Y4KMSRP-G M20 Red HS1L-DQ7Y4KMSRM-R Green HS1L-DQ7Y4KMSRM-G DT Main: 1NC+1NC Door monitor: 1NC 1NC+1NC Lock monitor: 1NC 22 21 41 42 12 11 51 52 32 31 61 62 Main circuit: Main circuit: Monitor circuit: Monitor circuit: G1/2 Red HS1L-DT7Y4KMSR-R Green HS1L-DT7Y4KMSR-G PG13.5 Red HS1L-DT7Y4KMSRP-R Green HS1L-DT7Y4KMSRP-G M20 Red HS1L-DT7Y4KMSRM-R Green HS1L-DT7Y4KMSRM-G Thecontactconfigurationshowsthestatuswhentheactuatorisinsertedandtheswitchislocked. • Actuators are not supplied with the interlock switch and must be ordered separately. • 11 12 21 22 41 42 51 52 A1 A2 X2 X1 31/33 32/34 61/63 62/64 Terminal Numbers 11-42: Main circuit 21: Main circuit or monitor circuit (door monitor) 22: Monitor circuit (door monitor) 31/33: Monitor circuit (door monitor) 32/34: Monitor circuit (door monitor) 51: Monitor circuit (lock monitor) 52: Main circuit or monitor circuit (lock monitor) 61/63: Monitor circuit (lock monitor) 62/64: Monitor circuit (lock monitor) A1: Solenoid (–) A2: Solenoid (+) X1: LED (–) X2: LED (+) * There is no wiring between 22-51 with circuit code R. (+) X2 (−) X1 (+) A2 (−) A1 LED Door Monitor (Actuator Inserted) Lock Monitor (Solenoid OFF) |