công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PBAPT bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện PBAPT
Giải thích chi tiết về linh kiện  PROFIBUS Data Line Mini-Change Tee, 5 Poles, Female/Male with Female Drop
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

PBAPT bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  PBAPT Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1201010001
Status:
Active
Description:
PROFIBUS Data Line Mini-Change Tee, 5 Poles, Female/Male with Female Drop
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152210
General
Product Family
Industrial Tees and Splitters
Series
120101
IP Rating
IP67
Product Name
PROFIBUS Data Line
Type
Power Tap Tee
UPC
78678850377
Physical
Color - Cable Jacket
Yellow
Drop Connector
Mini-Change
Drop Gender
Female
Keyway
Single
LED Indicator
No
Left Trunk Connector
Mini-Change
Left Trunk Gender
Female
Leg 1 Length
N/A
Leg 2 Length
N/A
Material - Cable Jacket
N/A
Material - Connector Body
TPE
Material - Coupling Nut
Black Epoxy Coated Zinc
Net Weight
176.670/g
Poles
5
Right Trunk Connector
Mini-Change
Right Trunk Gender
Male
Temperature Range - Operating
-20°C to +80°C
Electrical
Current - Maximum per Contact
8.0A
Voltage - Maximum
600V AC/DC
Material Info
Engineering Number
PBAPT
Reference - Drawing Numbers
Sales Drawing
SD-120101-002-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
D(2020)9139-DC (19
Jan 2021)
Lead
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120101 Series
This document was generated on 09/14/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - PBAPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
logo
APEM
PBA APEM-PBA Datasheet
3Mb / 16P
Piezo switches
PBA APEM-PBA Datasheet
1Mb / 5P
ATEX approved piezo switches
logo
Tyco Electronics
PBA-01A MACOM-PBA-01A Datasheet
303Kb / 4P
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
AG Electronica
PBA-026060000 AGELECTRONICA-PBA-026060000 Datasheet
411Kb / 2P
BLOQUE DE TERMINALES TIPO DESMONTABLE 2P
10/11/2023
More results

Mô tả tương tự - PBAPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
logo
Molex Electronics Ltd.
1200688218 MOLEX-1200688218 Datasheet
43Kb / 1P
Brad Safety Micro-Change (M12) Drop Tee, 4 Poles, Male/Female with Female Drop
1200688219 MOLEX-1200688219 Datasheet
43Kb / 1P
Brad Safety Micro-Change (M12) Drop Wye, 4 Poles, Female/Female with Male Drop
1200680228 MOLEX-1200680228 Datasheet
54Kb / 1P
Micro-Change (M12) In-Line Splitter, 4 Poles, Female/Female with Male Drop
03/11/2023
1200688009 MOLEX-1200688009 Datasheet
54Kb / 1P
Micro-Change (M12) Tee, 5 Poles, Male/Female with Female Drop
03/22/2023
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com