công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1919 bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện UM1919
Giải thích chi tiết về linh kiện  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1919 bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button UM1919 Datasheet HTML 29Page - STMicroelectronics UM1919 Datasheet HTML 30Page - STMicroelectronics UM1919 Datasheet HTML 31Page - STMicroelectronics UM1919 Datasheet HTML 32Page - STMicroelectronics UM1919 Datasheet HTML 33Page - STMicroelectronics UM1919 Datasheet HTML 34Page - STMicroelectronics UM1919 Datasheet HTML 35Page - STMicroelectronics UM1919 Datasheet HTML 36Page - STMicroelectronics UM1919 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
DocID028080 Rev 1
35/37
UM1919
Kernel description
36
7.6
Backup and settings configuration
The STM32CubeL4 demonstration firmware saves the kernel and module settings in the
bank2 of the internal Flash memory (address 0x08080000).
The following APIs allow to save or restore it from the backup area.
7.7
Adding a new module
Once the module appearance and the functionality are defined and created, based on the
constraints described above, only the module is left to be added:
1.
Define unique ID of the new module in k_config.h file.
2.
k_ModuleAdd() function should be called in k_ModuleInit() from KDemo_Initialization()
with unique ID defined in step1.
3.
Modify main module in main_app.c file to add the call to this new module in
ConstMainMenuItems[] table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37