| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STSPIN32G4TR bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32G4TR bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 48 page ![]() Figure 19. VDS monitoring protection timings tDELAY GHSx - OUTx OUTx VS VS - VDSth tDFSC Expected behavior Output short to ground condition VS VDSth Expected behavior Output short Vs condition tDELAY GLSx OUTx tDFSC A deglitch filter is provided which prevents spurious triggering of the protection when the anomalous condition on VDS persists for less than the deglitch time tDFSC. The VDS_P_DEG bits allow to change the deglitch time (as shown in Table 11. VDS monitoring protection deglitch time. Table 11. VDS monitoring protection deglitch time VCC_P_DEG VDS protection deglitch time [μs] Note 00 6 default 01 4 10 3 11 2 STSPIN32G4 Gate drivers DS13630 - Rev 1 page 24/48 |