| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6002 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
6002 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 8 page ![]() 3 3M™ Full Facepiece Reusable Respirator 6000 Series Reliable, convenient, compatible protection • Unique center adapter directs exhaled breath and moisture downward, and helps reduce debris from depositing in the valve. Smooth surface allows for quick and easy cleaning • Large lens provides wide field of view and excellent visibility • 3M™ Cool Flow™ Valve helps provide cool, dry comfort • Meets requirements of ANSI Z87.1-2010 for high impact (Z87+) • Lightweight, well-balanced design with silicone faceseal for enhanced comfort and durability • Available in air purifying respirator (APR), supplied air and powered air purifying respirator (PAPR) modes 3M™ Full Facepiece Reusable Respirator 7800S Series Designed for durability and protection 3M develops first rectangular filter with unique seal-check capabilities 3M introduces Cool Flow™ Valve for reduced heat and moisture in the 7500 Half Facepiece Respirator 3M develops first HF P100 nuisance OV filter. Offers lowest breathing resistance on the market 3M develops first Full Facepiece Respirator with Scotchgard™ coating, overmolded gaskets, and comfort head cradle 2002 2002 2007 2009 2013 3 2010 3M develops easier breathing, longer lasting 2000 Series disc filters 3M introduces the 6500 Half Facepiece Respirator, our lightest silicone half facepiece • Silicone facepiece enhances fit and improves durability • Double-flange faceseal and six adjustable straps help provide a secure fit • Can be used with a passive or electronic clip-on welding lens • Available in air purifying respirator (APR), supplied air and powered air purifying respirator (PAPR) modes • FR-7800B (First Responder) version available - Butyl rubber seal to minimize permeation - CBRN approved with FR-15-CBRN 6700 (Small) 6800 (Medium) 6900 (Large) 7800S-S (Small) 7800S-M (Medium) 7800S-L (Large) |