| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STP08CDC596TTR bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP08CDC596TTR bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() STP08CDC596 2/20 Table 2: Current Accuracy Figure 1: Pin Connection Table 3: Pin Description Table 4: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Output Voltage Current accuracy Output Current Between bits Between ICs ≥ 0.7V TYP. ± 3% ± 10% 20 to 120 mA PIN N° Symbol Name and Function 1 GND Ground Terminal 2 SDI Serial data input terminal 3 CLK Clock input terminal 4 LE/DM1 Latch input terminal 5-12 OUT 0-7 Output terminal 13 OE/DM2 Output enable input terminal (active low) 14 SDO Serial data out terminal 15 R-EXT Constant Current programming 16 VDD 5V Supply voltage terminal Symbol Parameter Value Unit VDD Supply Voltage 0 to 7 V VO Output Voltage -0.5 to 16 V IO Output Current 120 mA VI Input Voltage -0.4 to VDD+0.4 V IGND GND Terminal Current 980 mA fCLK Clock Frequency 25 MHz TOPR Operating Temperature Range -40 to +125 °C TSTG Storage Temperature Range -55 to +150 °C |