công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZW50F70CD4 bảng dữ liệu(PDF) 3 Page - Honeywell Solid State Electronics Center

tên linh kiện ZW50F70CD4
Giải thích chi tiết về linh kiện  MICRO SWITCH??Sealed Subminiature Basic Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZW50F70CD4 bảng dữ liệu(HTML) 3 Page - Honeywell Solid State Electronics Center

  ZW50F70CD4 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 6Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 7Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 8Page - Honeywell Solid State Electronics Center ZW50F70CD4 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
sensing.honeywell.com
Features
and Benefits
Features
and Benefits
SMALL PACKAGE SIZE
Subminiature package size allows the MICRO SWITCH™ ZW Series switch to
fit in many applications where other sensors or switches are too large.
WELL SUITED FOR POWER-DUTY AND LOGIC-LEVEL LOADS
SPDT, SPNC, or SPNO switch options are available and designed to meet various
circuit requirements. ZW Series can control
power-duty switching with silver
contacts or
logic-level computer-based circuits with gold-plated contacts.
PERFORMS IN WET, DIRTY, AND DUSTY ENVIRONMENTS
Catalog listings with integral lead wires are sealed to IP67
for use in
environments where exposure to liquid ingress or particulate contaminant
could occur.
DESIGN FLEXIBILITY
Switches are built with
an integral sealed pin plunger. Various styles of levers
expand the versatility of the ZW Series switch in the application. In addition,
the ZW Series features a
variety of terminations to promote flexibility for the
electrical connectivity.
IP67 sealing: pre-wired switches
LAWN TRACTORS
Reverse alarm for lawn tractors
Indicates seat use on lawn tractors
WATERCRAFT
Found on handle-bar controls for personal watercraft (wave runners)
SECURITY SYSTEMS
Acts as an interlock for security system panel
SNOWMOBILES
Found on handle-bar controls for snowmobiles
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com