công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTY060LVEAX bảng dữ liệu(PDF) 8 Page - Honeywell Solid State Electronics Center

tên linh kiện RTY060LVEAX
Giải thích chi tiết về linh kiện  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY060LVEAX bảng dữ liệu(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button RTY060LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
sensing.honeywell.com
RTY Series and RTP Series
Table 4 RTY Series Functional Characteristics1
Characteristic
Standard Output
Inverted Output
Sensing
Angle
Linearity
Error2
Accuracy
Error3
50° (±25°)
±1.0%
±1.6%
60° (±35°)
70° (±35°)
90° (±45°)
120° (±60°)
180° (±90°)
270° (±135°)
360° (±180°)
1
See Figure 3 for references to
.
2
Linearity error is the deviation of the measured value from the best fit line and is the quotient of the measured output ratio deviation from the
best fit line at the measured temperature to the best fit line output ratio span at the measured temperature.
3
Accuracy is measured as a deviation from the index line, where the index line is defined as the line with the ideal slope and sensor output
voltage corrected at 0º position for its ideal value at 25 °C ±5 °C. Accuracy is valid only when the sensor output is correct at 0º position for its
ideal value in the application.
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com