| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EDBA164B4PR-1DITF-R bảng dữ liệu(PDF) 53 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
EDBA164B4PR-1DITF-R bảng dữ liệu(HTML) 53 Page - Micron Technology |
|
53 / 152 page ![]() Figure 27: Data Input (WRITE) Timing DQS DQS# DQS# DQS DQ DM V IL(AC) V IH(AC) tDS tWPRE tDQSH tDQSL tWPST tDH tDS tDH tDH V IL(AC) V IH(AC) tDS V IL(AC) V IH(AC) D IN D IN D IN D IN V IL(DC) V IH(DC) V IL(DC) V IH(DC) tDH V IL(DC) V IH(DC) tDS V IL(AC) V IH(AC) V IL(DC) V IH(DC) Don’t Care Figure 28: Burst WRITE – WL = 1, BL = 4 Bank n col addr Col addr WRITE NOP T0 T1 T2 T3 T4 Tx Tx + 1 Ty Ty + 1 CK# CK CA[9:0] CMD DQS# DQS DQ WL = 1 tWR Completion of burst WRITE Transitioning data NOP NOP NOP PRECHARGE tDQSSmax tDSS tDSS NOP D IN A0 D IN A1 D IN A2 D IN A3 ACTIVATE NOP Bank n Bank n row addr Row addr DQS# DQS DQ tWR tDQSSmin tDSH tDSH tRP D IN A0 D IN A1 D IN A2 D IN A3 Case 1: tDQSSmax Case 2: tDQSSmin 216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Burst WRITE Command 09005aef85eb530a 216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN 53 Micron Technology, Inc. reserves the right to change products or specifications without notice. © 2014 Micron Technology, Inc. All rights reserved. |