công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS25KB080 bảng dữ liệu(PDF) 3 Page - Intel Corporation

tên linh kiện RS25KB080
Giải thích chi tiết về linh kiện  Intel짰 Integrated RAID Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

RS25KB080 bảng dữ liệu(HTML) 3 Page - Intel Corporation

  RS25KB080 Datasheet HTML 1Page - Intel Corporation RS25KB080 Datasheet HTML 2Page - Intel Corporation RS25KB080 Datasheet HTML 3Page - Intel Corporation RS25KB080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Is an entry or Mainstream rAID Module right for your application?
rAID is pertinent to both data protection and application performance, thus it is important to select the right product for your needs.
the rMS25KB080/040 is an entry-level product that offers exceptional value and may be perfect for mirroring a small number of drives
or for connecting to a bunch of disks using JBOD mode. However, it does not offer all of the features or the performance of Intel’s
mainstream product line. the following table highlights some of the differences between the three key categories of rAID products.
GOOD
BETTER
BEST
Model
Intel® rAID C600 upgrade Key
rKSAS8r5
Intel® Integrated rAID Module
rMS25KB080/040
Intel® Integrated rAID Module
rMS25PB080/040
Category
Software rAID
entry-level
Mainstream
rAID Levels
0,1,5,10,50
0, 1, 1e
0,1,5, 6, and spans 10, 50, 60
Performance factors
utilizes the Intel® Xeon® processor
and system memory and thus will
be affected by the server load
Includes an I/O processor (IOP) for
true hardware rAID 0, 1, 1e, but
the IOP is not powerful enough to
handle parity calculations
Includes a rAID-on-Chip (rOC)
processor and up to 1GB embedded
cache for superior performance
Data Protection factors
Limited diagnostics, tied tightly to
OS, and long rebuild times
Limited diagnostics
Complete diagnostic and debug
tools, quickest rebuild
Compatible with Premium features
such as SSD Cache?
No
No
Yes
Intel® Integrated rAID Module rMS25KB080/040
Powered by LSI* MegarAID® technology
Features:
1 One or two 8087 connectors for up to eight internal SAS/SAtA ports
2 x8 PCI Express* Generation 3 interface for fast communication with the server board
3 LSI SAS2308 IOC controller providing SAS 2.0 compliance, including 6Gb/s data transfer and compatibility
with SAS or SAtA drives



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com