công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3953A bảng dữ liệu(PDF) 39 Page - ams AG

tên linh kiện AS3953A
Giải thích chi tiết về linh kiện  14443 High Speed Passive Tag Interface
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3953A bảng dữ liệu(HTML) 39 Page - ams AG

Back Button AS3953A Datasheet HTML 35Page - ams AG AS3953A Datasheet HTML 36Page - ams AG AS3953A Datasheet HTML 37Page - ams AG AS3953A Datasheet HTML 38Page - ams AG AS3953A Datasheet HTML 39Page - ams AG AS3953A Datasheet HTML 40Page - ams AG AS3953A Datasheet HTML 41Page - ams AG AS3953A Datasheet HTML 42Page - ams AG AS3953A Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
ams Datasheet
Page 39
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing
data into an addressable registers. Difference is that in case of
loading more bytes all bytes go to the FIFO. The command mode
code 10 indicates FIFO operations. In case of loading
transmitting data into FIFO all bits <C5 – C0> are set to ‘0’. Then
a bit-stream, the data to be sent (1 to 32 bytes), can be
transferred.
Figure 47 shows how to load the Transmitting data into the
FIFO.
Figure 47:
Loading of FIFO
/SS
SCLK
MOSI
10
00
0
0
0
0
1 to 32
bytes
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
/SS rising edge
signals end of
COMMAND Mode
10 pattern
indicates FIFO
mode
X
Start of
payload Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70