| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3722 bảng dữ liệu(PDF) 127 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3722 bảng dữ liệu(HTML) 127 Page - ams AG |
|
127 / 198 page ![]() ams Datasheet Page 127 [v1-01] 2015-Sep-07 Document Feedback AS3722 − Register Description Figure 128: SD4_control Figure 129: SD5_control Addr:2dh SD4_control Bit Bit Name Default Access Bit Description 2 sd4_fast 0 RW_SS Selects a faster regulation mode for SD4 suitable for larger load changes. 0 : normal mode, Cout (according spec) 1 : fast mode, 2 x Cout (according spec) required 1 sd4_force_pwm 0 RW Selects force pwm mode 0 : normal mode 1 : force pwm, inverted coil current possible to keep the fixed frequency 0 sd4_low_noise 0 RW Enables low noise mode of SD4. If enabled smaller current pulses and output ripple is activated 0 : Normal mode. Minimum current pulses of about 10% the current limit are applied in skip mode 1 : Low noise mode. Only minimum on time applied in skip mode Addr:2eh SD5_control Bit Bit Name Default Access Bit Description 2 sd5_fast 0 RW_SS Selects a faster regulation mode for SD5 suitable for larger load changes. 0 : normal mode, Cout (according spec) 1 : fast mode, 2 x Cout (according spec) required 1 sd5_force_pwm 0 RW Selects force pwm mode 0 : normal mode 1 : force pwm, inverted coil current possible to keep the fixed frequency 0 sd5_low_noise 0 RW Enables low noise mode of SD5. If enabled smaller current pulses and output ripple is activated 0 : Normal mode. Minimum current pulses of about 10% the current limit are applied in skip mode 1 : Low noise mode. Only minimum on time applied in skip mode |