công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3722 bảng dữ liệu(PDF) 123 Page - ams AG

tên linh kiện AS3722
Giải thích chi tiết về linh kiện  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3722 bảng dữ liệu(HTML) 123 Page - ams AG

Back Button AS3722 Datasheet HTML 119Page - ams AG AS3722 Datasheet HTML 120Page - ams AG AS3722 Datasheet HTML 121Page - ams AG AS3722 Datasheet HTML 122Page - ams AG AS3722 Datasheet HTML 123Page - ams AG AS3722 Datasheet HTML 124Page - ams AG AS3722 Datasheet HTML 125Page - ams AG AS3722 Datasheet HTML 126Page - ams AG AS3722 Datasheet HTML 127Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 198 page
background image
ams Datasheet
Page 123
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 124:
SD0_control
Addr:29h
SD0_control
Bit
Bit Name
Default
Access
Bit Description
7:6
sd0_trim_gm
0
RW_SM
Selects gm setting of OTA
0 : fast setting
1 : slow setting
2 : medium setting
3 : very slow setting
5
sd0_force_pwm
0
RW
Selects force pwm mode
0 : normal mode
1 : force pwm, inverted coil current possible to
keep the fixed frequency
4sd0_fast
0
RW
Selects a faster regulation mode for SD0 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required
3
sd0_combine_phase
0
RW_SM
Selects phase mode (set during startup
power_stage test)
0 : normal mode
1 : combine phase 1 and 2 , 3 and 4, 5 and 6, 7
and 8
2:0
sd0_phases
0
RW_SM
Selects number of phases for sd0 (set during
startup power_stage test, can be changed after
that)
0 : 1 phases used
1 : 2 phases used
2 : 3 phases used
3 : 4 phases used
4 : 5 phases used
5 : 6 phases used
6 : 7 phases used
7 : 8 phases used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More