| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5600L bảng dữ liệu(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5600L bảng dữ liệu(HTML) 6 Page - ams AG |
|
6 / 48 page ![]() Page 6 ams Datasheet Document Feedback [v1-12] 2020-May-14 AS5600L − Absolute Maximum R atings Temperature Ranges and Storage Conditions TSTRG Storage temperature range -55 125 °C TBODY Package body temperature 260 °C SOIC-8: ICP/JEDEC J-STD-020 The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” The lead finish for Pb-free leaded packages is “Matte Tin” (100% Sn) WL-CSP: ICP/JEDEC J-STD-020 The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” RHNC Relative humidity (non-condensing) 585 % MSL Moisture sensitivity level 3 SOIC-8: ICP/JEDEC J-STD-033 1 WL-CSP: ICP/JEDEC J-STD-033 Symbol Parameter Min Max Units Comments |