| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP8733-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8733-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 84 page ![]() Table 5-1. Pin Functions (continued) PIN TYPE(1) DESCRIPTION NUMBER NAME 24, 25 VIN_B0 P/I Input for Buck 0. The separate power pins VIN_Bx are not connected together internally - VIN_Bx pins must be connected together in the application and be locally bypassed. 26 GPO D/O General-purpose digital output. If the pin is not used, leave the pin floating. 27 PGOOD D/O Power-good indication signal. If the pin is not used, leave the pin floating. 28 VIN_LDO0 P/I Power input for LDO0. If the LDO0 is not used, connect the pin to VANA. Thermal Pad — — Connect to PCB ground plane using multiple vias for good thermal performance. (1) A: Analog Pin, D: Digital Pin, G: Ground Pin, P: Power Pin, I: Input Pin, and O: Output Pin. LP8733 SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021 www.ti.com 4 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP8733 |