| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1048WARQZ-R7 bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1048WARQZ-R7 bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 82 page ![]() Data Sheet ADP1048W SOFTSTART_FLAGS_BLANK2 REGISTER This register blanks the specified flag during soft start (1 = blank, 0 = don’t blank). Table 71. Register 0xFE09—SOFTSTART_FLAGS_BLANK2 Bits Bit Name R/W Description 0 BLANK_FAST_OCP R/W 1 = ignore fast OCP flag. PGOOD_FLAGS_LIST REGISTER This register specifies the flags that are checked to determine the PGOOD pin voltage (1 = ignore flag, 0 = check flag). Table 72. Register 0xFE0A—PGOOD_FLAGS_LIST Bits Bit Name R/W Description 7 VOUT_UV_FAULT R/W 1 = ignore VOUT_UV_FAULT flag. 6 VOUT_OV_WARN R/W 1 = ignore VOUT_OV_WARN flag. 5 FAST_OVP R/W 1 = ignore FAST_OVP flag. 4 OLP R/W 1 = ignore OLP flag. 3 FAST_OCP R/W 1 = ignore FAST_OCP flag. 2 IIN_OC_FAULT R/W 1 = ignore IIN_OC_FAULT flag. 1 OT_FAULT R/W 1 = ignore OT_FAULT flag. 0 FAST_LOOP R/W 1 = ignore FAST_LOOP flag. AC_OK_FLAGS_LIST REGISTER This register specifies the flags that are checked to determine the AC_OK pin voltage (1 = ignore flag, 0 = check flag). Table 73. Register 0xFE0B—AC_OK_FLAGS_LIST Bits Bit Name R/W Description 7 VIN_UV_FAULT R/W 1 = ignore VIN_UV_FAULT flag. 6 VIN_UV_WARN R/W 1 = ignore VIN_UV_WARN flag. 5 IIN_OC_FAULT R/W 1 = ignore IIN_OC_FAULT flag. 4 IIN_OC_WARN R/W 1 = ignore IIN_OC_WARN flag. 3 FAST_OCP R/W 1 = ignore FAST_OCP flag. 2 AC_LINE_PERIOD R/W 1 = ignore AC_LINE_PERIOD flag. 1 BROWN_OUT R/W 1 = ignore BROWN_OUT flag. 0 INRUSH R/W 1 = ignore INRUSH flag. PWM AND PWM2 TIMING REGISTERS Register 0xFE0C through Register 0xFE13 configure the rising and falling edges of the PWM outputs. Table 74. Register 0xFE0C—PWM Rising Edge Timing (PWM Pin) Bits Bit Name R/W Description [7:0] t1 R/W This register contains the eight MSBs of the 10-bit t1 time. Table 75. Register 0xFE0D—PWM Rising Edge Setting (PWM Pin) Bits Bit Name R/W Description [7:4] RSVD R Reserved. [3:2] t1 R/W These bits contain the two LSBs of the 10-bit t1 time. This value is always used with the eight bits of Register 0xFE0C, which contains the eight MSBs of the t1 time. 1 Modulate enable R/W 1 = PWM modulation acts on the t1 edge. 0 = no PWM modulation of the t1 edge. 0 t1 sign R/W 1 = positive sign. Increase of PWM modulation moves t1 right. 0 = negative sign. Increase of PWM modulation moves t1 left. Rev. 0 | Page 61 of 82 |