công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML22Q58GA bảng dữ liệu(PDF) 14 Page - OKI electronic componets

tên linh kiện ML22Q58GA
Giải thích chi tiết về linh kiện  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q58GA bảng dữ liệu(HTML) 14 Page - OKI electronic componets

Back Button ML22Q58GA Datasheet HTML 10Page - OKI electronic componets ML22Q58GA Datasheet HTML 11Page - OKI electronic componets ML22Q58GA Datasheet HTML 12Page - OKI electronic componets ML22Q58GA Datasheet HTML 13Page - OKI electronic componets ML22Q58GA Datasheet HTML 14Page - OKI electronic componets ML22Q58GA Datasheet HTML 15Page - OKI electronic componets ML22Q58GA Datasheet HTML 16Page - OKI electronic componets ML22Q58GA Datasheet HTML 17Page - OKI electronic componets ML22Q58GA Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
14/36
PIN DESCRIPTIONS-2
ML22Q54/Q58GA Common Pins
44-pin plastic QFP
Pin
Symbol
Type
Description
43
BUSY2
/ERR
O
When using the built-in ROM for voice output, this pin outputs
“L” level
while channel 2 side processes a command and while plays back voice.
Works as ERR pin when using EXT command for the voice output. If an
abnormality occurred in the transfer of data, the ERR pin outputs
“L”
level and the voice output may become noisy.
“H” level at power on.
3
BUSY1
O
Outputs
“L” level while the channel 1 side processes a command and
while plays back voice.
“H” level at power on.
4
NCR2/DL
O
The input command of channel 2 is valid at
“H” level when using the
built-in ROM for voice output.
DL
pin when using EXT command for the voice output. It outputs the
voice data capture signal. The data is captured on the rising edge of DL.
“H” level at power on.
5
NCR1/NDR
O
The command input of channel 1 side is valid at
“H” level when using
the built-in ROM for voice output.
NDR pin when using EXT command for the voice output. The voice data
input is effective at
“H” level.
“H” level at power on.
9
RESET
I
When
“L” level is input to this pin, the device is reset, the oscillation
stops, and AOUT and DAQ outputs go into GND level.
10
TEST
I
Test pin for the device.
Input
“L” level to this pin. This pin has a pull-down resistor built in.
14
XT
I
Wired to a crystal or ceramic oscillator.
A feedback resistor of around 1 M
is built in between this XT pin and
XT
pin (pin 15).
When using an external clock, input the clock from this pin.
15
XT
O
Wired to a ceramic or crystal oscillator.
When using an external clock, keep this pin open.
16
18
19
20
D3
D2
D1
D0
I/O
CPU interface data bus pins in the parallel input interface.
Channel status output pins when RD is at
“L” level.
The pins output the flash memory data when reading the built-in flash
memory data.
In the serial input interface, keep these pins at
“L” level.
21
D4
I/O
CPU interface data bus pin in the parallel input interface.
The pin outputs flash memory data when reading the built-in flash
memory data.
When RD is at
“L” level other than when reading the flash memory data,
this pin usually outputs
“L” level.
In the serial input interface, keep this pin at
“L” level.
23
D5/DO
I/O
CPU interface data bus pin in the parallel input interface.
The pin outputs flash memory data when reading the built-in flash
memory data.
When RD is at
“L” level other than when reading the flash memory data,
this pin usually outputs
“L” level.
Channel status output pin in the serial input interface.
When CS and RD are at
“L” level, this D5/DO pin serially outputs the
status of each channel in synchronization with SCK clock. When
reading data of the built-in flash memory, the pin will output serially the
flash memory data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com