| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8560CPX667JB bảng dữ liệu(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8560CPX667JB bảng dữ liệu(HTML) 1 Page - NXP Semiconductors |
|
1 / 108 page ![]() © Freescale Semiconductor, Inc., 2008. All rights reserved. Freescale Semiconductor Technical Data The MPC8560 integrates a PowerPC™ processor core built on Power Architecture™ technology with system logic required for networking, telecommunications, and wireless infrastructure applications. The MPC8560 is a member of the PowerQUICC™ III family of devices that combine system-level support for industry-standard interfaces with processors that implement the embedded category of the Power Architecture technology. For functional characteristics of the processor, refer to the MPC8560 PowerQUICC III Integrated Communications Processor Reference Manual. To locate any published errata or updates for this document, contact your Freescale sales office. MPC8560EC Rev. 4.2, 1/2008 Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 8 3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 13 4. Clock Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 17 6. DDR SDRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 7. Ethernet: Three-Speed, MII Management . . . . . . . . 23 8. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 9. CPM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52 12. PCI/PCI-X . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 13. RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 14. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 70 15. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 16. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 17. System Design Information . . . . . . . . . . . . . . . . . . . 92 18. Document Revision History . . . . . . . . . . . . . . . . . . . 99 19. Device Nomenclature . . . . . . . . . . . . . . . . . . . . . . . 104 MPC8560 Integrated Processor Hardware Specifications |
Số phần tương tự - MPC8560CPX667JB |
|
Mô tả tương tự - MPC8560CPX667JB |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |