| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8343ECVRAGDB bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8343ECVRAGDB bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 80 page ![]() MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 11 Freescale Semiconductor 39 JTAG Figure 23 provides the AC test load for TDO and the boundary-scan outputs of the MPC8343EA. Figure 23. AC Test Load for the JTAG Interface Figure 24 provides the JTAG clock input timing diagram. Figure 24. JTAG Clock Input Timing Diagram Figure 25 provides the TRST timing diagram. Figure 25. TRST Timing Diagram JTAG external clock to output high impedance: Boundary-scan data TDO tJTKLDZ tJTKLOZ 2 2 19 9 ns 5, 6 Notes: 1. All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50 Ω load (see Figure 14). Time-of-flight delays must be added for trace lengths, vias, and connectors in the system. 2. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K) going to the high (H) state. In general, the clock reference symbol is based on three letters representing the clock of a particular function. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 3. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only. 4. Non-JTAG signal input timing with respect to tTCLK. 5. Non-JTAG signal output timing with respect to tTCLK. 6. Guaranteed by design and characterization. Table 37. JTAG AC Timing Specifications (Independent of CLKIN)1 (continued) At recommended operating conditions (see Table 2). Parameter Symbol2 Min Max Unit Notes Output Z0 = 50 Ω OVDD/2 RL = 50 Ω JTAG tJTKHKL tJTGR External Clock VM VM VM tJTG tJTGF VM = Midpoint Voltage (OVDD/2) TRST VM = Midpoint Voltage (OVDD/2) VM VM tTRST |