| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548EEC bảng dữ liệu(PDF) 116 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8548EEC bảng dữ liệu(HTML) 116 Page - NXP Semiconductors |
|
116 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 10 116 Freescale Semiconductor Package Description UDE AH16 I OVDD — MCP AG19 I OVDD — IRQ[0:7] AG23, AF18, AE18, AF20, AG18, AF17, AH24, AE20 IOVDD — IRQ[8] AF19 I OVDD — IRQ[9]/DMA_DREQ3 AF21 I OVDD 1 IRQ[10]/DMA_DACK3 AE19 I/O OVDD 1 IRQ[11]/DMA_DDONE3 AD20 I/O OVDD 1 IRQ_OUT AD18 O OVDD 2, 4 Ethernet Management Interface EC_MDC AB9 O OVDD 5, 9 EC_MDIO AC8 I/O OVDD — Gigabit Reference Clock EC_GTX_CLK125 V11 I LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 1) TSEC1_RXD[7:0] R5, U1, R3, U2, V3, V1, T3, T2 I LVDD — TSEC1_TXD[7:0] T10, V7, U10, U5, U4, V6, T5, T8 O LVDD 5, 9 TSEC1_COL R4 I LVDD — TSEC1_CRS V5 I/O LVDD 20 TSEC1_GTX_CLK U7 O LVDD — TSEC1_RX_CLK U3 I LVDD — TSEC1_RX_DV V2 I LVDD — TSEC1_RX_ER T1 I LVDD — TSEC1_TX_CLK T6 I LVDD — TSEC1_TX_EN U9 O LVDD 30 TSEC1_TX_ER T7 O LVDD — GPIN[0:7] P2, R2, N1, N2, P3, M2, M1, N3 I LVDD 103 GPOUT[0:5] N9, N10, P8, N7, R9, N5 O LVDD — cfg_dram_type0/GPOUT6 R8 O LVDD 5, 9 GPOUT7 N6 O LVDD — Reserved P1 — — 104 Reserved R6 — — 104 Reserved P6 — — 15 Reserved N4 — — 105 Table 73. MPC8545E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |