| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548EEC bảng dữ liệu(PDF) 105 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8548EEC bảng dữ liệu(HTML) 105 Page - NXP Semiconductors |
|
105 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 10 Freescale Semiconductor 105 Package Description Table 72 provides the pin-out listing for the MPC8547E 783 FC-PBGA package. NOTE All note references in the following table use the same numbers as those for Table 71. See Table 71 for the meanings of these notes. Table 72. MPC8547E Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes PCI1 (One 64-Bit or One 32-Bit) PCI1_AD[63:32] AB14, AC15, AA15, Y16, W16, AB16, AC16, AA16, AE17, AA18, W18, AC17, AD16, AE16, Y17, AC18, AB18, AA19, AB19, AB21, AA20, AC20, AB20, AB22, AC22, AD21, AB23, AF23, AD23, AE23, AC23, AC24 I/O OVDD 17 PCI1_AD[31:0] AH6, AE7, AF7, AG7, AH7, AF8, AH8, AE9, AH9, AC10, AB10, AD10, AG10, AA10, AH10, AA11, AB12, AE12, AG12, AH12, AB13, AA12, AC13, AE13, Y14, W13, AG13, V14, AH13, AC14, Y15, AB15 I/O OVDD 17 PCI1_C_BE[7:4] AF15, AD14, AE15, AD15 I/O OVDD 17 PCI1_C_BE[3:0] AF9, AD11, Y12, Y13 I/O OVDD 17 PCI1_PAR64 W15 I/O OVDD — PCI1_GNT[4:1] AG6, AE6, AF5, AH5 O OVDD 5, 9, 35 PCI1_GNT0 AG5 I/O OVDD — PCI1_IRDY AF11 I/O OVDD 2 PCI1_PAR AD12 I/O OVDD — PCI1_PERR AC12 I/O OVDD 2 PCI1_SERR V13 I/O OVDD 2, 4 PCI1_STOP W12 I/O OVDD 2 PCI1_TRDY AG11 I/O OVDD 2 PCI1_REQ[4:1] AH2, AG4, AG3, AH4 I OVDD — PCI1_REQ0 AH3 I/O OVDD — PCI1_CLK AH26 I OVDD 39 PCI1_DEVSEL AH11 I/O OVDD 2 PCI1_FRAME AE11 I/O OVDD 2 PCI1_IDSEL AG9 I OVDD — PCI1_REQ64 AF14 I/O OVDD 2, 5,10 PCI1_ACK64 V15 I/O OVDD 2 Reserved AE28 — — 2 Reserved AD26 — — 2 Reserved AD25 — — 2 |