công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPS015 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện DLPS015
Giải thích chi tiết về linh kiện  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DLPS015 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DLPS015 Datasheet HTML 2Page - Texas Instruments DLPS015 Datasheet HTML 3Page - Texas Instruments DLPS015 Datasheet HTML 4Page - Texas Instruments DLPS015 Datasheet HTML 5Page - Texas Instruments DLPS015 Datasheet HTML 6Page - Texas Instruments DLPS015 Datasheet HTML 7Page - Texas Instruments DLPS015 Datasheet HTML 8Page - Texas Instruments DLPS015 Datasheet HTML 9Page - Texas Instruments DLPS015 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6 Specifications
For complete electrical and mechanical specifications of the DLPR410, see the XCF16P product specification
listed in Related Documentation.
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted) (see (1) (2))
MIN
MAX
UNIT
VCCINT
Internal supply voltage
Relative to ground
–0.5
2.7
V
VCCO
I/O supply voltage
Relative to ground
–0.5
4.0
V
VCCJ
JTAG I/O supply voltage
Relative to ground
–0.5
4.0
V
VIN
Input voltage with respect to ground
VCCO < 2.5 V
–0.5
3.6
V
VCCO ≥ 2.5 V
–0.5
3.6
V
VTS
Voltage applied to high-impedance output
VCCO < 2.5 V
–0.5
3.6
V
VCCO ≥ 2.5 V
–0.5
3.6
V
TJ
Junction temperature
125
°C
Tstg
Storage temperature, ambient
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 6.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
(2)
Maximum DC undershoot below GND must be limited to either 0.5 V or 10 mA. During transitions, the device pins can undershoot to
–2 V or overshoot to 7 V, provided this overshoot or undershoot lasts less than 10 ns and with the forcing current being limited to 200
mA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) (1)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins
(2)
2000
V
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
in to the device.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCINT
Internal voltage supply
1.65
1.8
2.0
V
VCCO
Supply voltage for output drivers
2.5-V operation
2.3
2.5
2.7
V
VCCJ
JTAG I/O Supply voltage
2.5-V operation
2.3
2.5
2.7
V
VIL
Low-level input voltage
2.5-V operation
0
0.7
V
VIH
High-level input voltage
2.5-V operation
1.7
3.6
V
VO
Output voltage
0
VCCO
V
tIN
Input signal transition time (measured between 10% VCCO and 90% VCCO)
500
ns
TA
Operating ambient temperature
–40
85
°C
6.4 Thermal Information
Refer to the XCF16P product specifications.
6.5 Electrical Characteristics
Refer to the XCF16P product specifications at www.xilinx.com.
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com