công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPS025 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện DLPS025
Giải thích chi tiết về linh kiện  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DLPS025 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button DLPS025 Datasheet HTML 4Page - Texas Instruments DLPS025 Datasheet HTML 5Page - Texas Instruments DLPS025 Datasheet HTML 6Page - Texas Instruments DLPS025 Datasheet HTML 7Page - Texas Instruments DLPS025 Datasheet HTML 8Page - Texas Instruments DLPS025 Datasheet HTML 9Page - Texas Instruments DLPS025 Datasheet HTML 10Page - Texas Instruments DLPS025 Datasheet HTML 11Page - Texas Instruments DLPS025 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
7 Detailed Description
7.1 Overview
The configuration bit stream stored in the DLPR410 device supports reliable operation of the DLPC410ZYR
device with the DLP650LNIRFYL, DLP7000FLP, DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN DMDs.
DMDs. The DLPC410ZYR digital controller loads this configuration bit stream from the DLPR410 device.
7.2 Functional Block Diagram
DLPR410
TCK
TDI
TMS
OE/RESET
CLKOUT
CE
CF
EN_EXT_SEL
REV_SEL0
REV_SEL1
D0
TDO
CEO
Figure 7-1. Functional Block Diagram
7.3 Feature Description
7.3.1 Data Interface
7.3.1.1 Data Outputs
The DLPR410 device is configured for serial mode operation, where D0 is the data output pin. D0 output
pin provides a serial connection to the DLPC410ZYR controller, where the configuration is read out by the
DLPC410ZYR controller.
7.3.1.2 Configuration Clock Input
The configuration CLK is connected to the DLPC410ZYR controller in Primary Serial mode, where the
DLPC410ZYR controller provides the clock pulses to read the configuration from the DLPR410 device.
7.3.1.3 Output Enable and Reset
When the OE/ RESET input is held low, the address counter is reset and the Data (D0) and CLKOUT outputs
are placed in high-impedance state. OE/ RESET must be pulled High using an external 4.7-kΩ pull-up to
VCCO.
7.3.1.4 Chip Enable
The CE input is asserted by the DLPC410ZYR controller to enable the Data (D0) and CLKOUT outputs. When
CE is held high, the DLPR410 device address counter is reset, and the Data and CLKOUT outputs are placed in
high-impedance states.
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com