| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM7732-01TB bảng dữ liệu(PDF) 18 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7732-01TB bảng dữ liệu(HTML) 18 Page - OKI electronic componets |
|
18 / 29 page ![]() FEDL7732-01-10 OKI Semiconductor MSM7732-01 18/29 CR1 (Basic operating mode 2) B7 B6 B5 B4 B3 B2 B1 B0 CR1 — — — — SHORT FRAME SW D/E SW C/A RX PAD Initial Value 0 0 0 0 0 0 0 0 B7, B6, B5, B4……Not used B3…………………Short frame synchronous interface select; 0/Long frame synchronous interface, 1/Short frame synchronous interface B2…………………Analog switch control : 0/SWD to SWE open, 1/ SWD to SWE closed B1…………………Analog switch control : 0/SWB to SWA closed. The SWC pin is high impedance. 1/SWB to SWC closed. The SWA pin is high impedance. B0…………………Receive side PAD : 1/inserted, 12 dB loss 0/no PAD |