| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM7654 bảng dữ liệu(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7654 bảng dữ liệu(HTML) 13 Page - OKI electronic componets |
|
13 / 53 page ![]() ¡ Semiconductor MSM7654 13/52 • Overlay Control Block This block selects input image data or YUV Color Generator output signals. It is determined by the level of the control signal (OLC, CR [3]), as shown below: (x : don't care) CR [3] = 1, OLC = x: Selects color bar signal (YUV Color Generator output signal). CR [3] = 0, OLC = 1: Selects overlay signal (YUV Color Generator output signal). CR [3] = 0, OLC = 0: Selects input image data. • YUV to RGB Converter Block This block converts YUV signals separated by the prologue block into RGB signals. • Black & Blank Pedestal Block This block adds sync signals at the luminance side to luminance signals. • Interpolator + LPF Block This block executes data interpolation and the elimination of high frequency components by LPF for input chrominance signals. •I2C Control Logic Block This is the serial interface block based on I2C standard of Phillips Corporation. Internal registers (MR0 and MR1) and command registers (CR0 and CR1) can be set from the master side. When writing to the internal registers other than MR1 [7] (black level control) and CR0 [2:1] (overlay level), written contents are immediately set to them. It is during the vertical blanking period that written contents are set to MR1 [7] and CR0 [2:1]. • Sync Generator & Timing Controller Block This block generates sync signals and control signals. This block operates in slave mode, which performs external synchronization, and in master mode, which internally generates sync signals. • Color Burst Generator Block Outputs U and V components of amplitude of burst signals. • Subcarrier Generator Block Executes color subcarrier generation. • Low Pass Filter (LPF) Block This block performs upsampling at CLKX2 for luminance signals and chrominance signals modulated with CLKX1 divided from CLKX2. Interpolation processing is executed in this process. • DAC Block This block converts digital video signals to analog video signals with a 10-bit accuracy and outputs them. Since the analog output pins (YA, CVBSO, CA) are current outputs, these pins should be connected to external resistors. See "Analog output reference circuit in APPLICATION CIRCUIT EXAMPLE" for resistance values. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |